Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S10 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST1S10
Description  3 A, 900 kHz, monolithic synchronous step-down regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S10 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST1S10 Datasheet HTML 3Page - STMicroelectronics ST1S10 Datasheet HTML 4Page - STMicroelectronics ST1S10 Datasheet HTML 5Page - STMicroelectronics ST1S10 Datasheet HTML 6Page - STMicroelectronics ST1S10 Datasheet HTML 7Page - STMicroelectronics ST1S10 Datasheet HTML 8Page - STMicroelectronics ST1S10 Datasheet HTML 9Page - STMicroelectronics ST1S10 Datasheet HTML 10Page - STMicroelectronics ST1S10 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ST1S10
Electrical characteristics
7/26
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IIL, IIH
SYNC input current
VIN = 2.5 V to 18 V,
VSYNC = 0 or 5 V
-10
+10
µA
UVLO
Under voltage lock-out threshold
VIN rising
2.3
V
Hysteresis
200
mV
1.
Guaranteed by design, but not tested in production.
2.
See output voltage selection paragraph 5.5 for maximum duty cycle conditions.
Table 5.
Electrical characteristics (continued)
VIN = VIN_SW = VIN_A = VINH = 12 V, VSYNC = GND, VOUT = 5 V, IOUT = 10 mA, CIN = 4.7 µF
+0.1 µF, COUT = 22 µF, L1 = 3.3 µH, TJ = -25 to 125°C (Unless otherwise specified, refer to
the typical application circuit. Typical values assume TJ = 25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com