Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S10 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST1S10
Description  3 A, 900 kHz, monolithic synchronous step-down regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S10 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST1S10 Datasheet HTML 17Page - STMicroelectronics ST1S10 Datasheet HTML 18Page - STMicroelectronics ST1S10 Datasheet HTML 19Page - STMicroelectronics ST1S10 Datasheet HTML 20Page - STMicroelectronics ST1S10 Datasheet HTML 21Page - STMicroelectronics ST1S10 Datasheet HTML 22Page - STMicroelectronics ST1S10 Datasheet HTML 23Page - STMicroelectronics ST1S10 Datasheet HTML 24Page - STMicroelectronics ST1S10 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
ST1S10
Package mechanical data
21/26
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.70
0.067
A1
0.00
0.15
0.00
0.006
A2
1.25
0.049
0.142
b
0.31
0.51
0.012
0.020
c
0.17
0.25
0.007
0.010
D4.804.90
5.00
0.189
0193
0.197
D1
2.24
3.10
3.20
0.088
0.122
0.126
E5.80
6.00
6.20
0.228
0.236
0.244
E1
3.80
3.90
4.00
0.150
0.154
0.157
E2
1.55
2.41
2.51
0.061
0.095
0.099
e
1.27
0.050
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
k0°
8°0°
ccc
0.10
0.004
PowerSO-8 mechanical data
7195016C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com