Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S10 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST1S10
Description  3 A, 900 kHz, monolithic synchronous step-down regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S10 Datasheet(HTML) 5 Page - STMicroelectronics

  ST1S10 Datasheet HTML 1Page - STMicroelectronics ST1S10 Datasheet HTML 2Page - STMicroelectronics ST1S10 Datasheet HTML 3Page - STMicroelectronics ST1S10 Datasheet HTML 4Page - STMicroelectronics ST1S10 Datasheet HTML 5Page - STMicroelectronics ST1S10 Datasheet HTML 6Page - STMicroelectronics ST1S10 Datasheet HTML 7Page - STMicroelectronics ST1S10 Datasheet HTML 8Page - STMicroelectronics ST1S10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ST1S10
Maximum ratings
5/26
3
Maximum ratings
Note:
Absolute maximum ratings are the values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN_SW
Positive power supply voltage
-0.3 to 20
V
VIN_A
Positive supply voltage
-0.3 to 20
V
VINH
Inhibit voltage
-0.3 to VIN_A
V
VSW
Output switch voltage
-0.3 to 20
V
VFB
Feedback voltage
-0.3 to 2.5
V
IFB
FB current
-1 to +1
mA
Sync
Synchronization
-0.3 to 6
V
TSTG
Storage temperature range
-40 to 150
°C
TOP
Operating junction temperature range
-25 to 125
°C
Table 4.
Thermal data
Symbol
Parameter
PowerSO-8
DFN8
Unit
RthJA
Thermal resistance junction-ambient
40
40
°C/W
RthJC
Thermal resistance junction-case
12
4
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com