Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S10 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST1S10
Description  3 A, 900 kHz, monolithic synchronous step-down regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S10 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST1S10 Datasheet HTML 8Page - STMicroelectronics ST1S10 Datasheet HTML 9Page - STMicroelectronics ST1S10 Datasheet HTML 10Page - STMicroelectronics ST1S10 Datasheet HTML 11Page - STMicroelectronics ST1S10 Datasheet HTML 12Page - STMicroelectronics ST1S10 Datasheet HTML 13Page - STMicroelectronics ST1S10 Datasheet HTML 14Page - STMicroelectronics ST1S10 Datasheet HTML 15Page - STMicroelectronics ST1S10 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Application information
ST1S10
12/26
5.8.4
SCP (short circuit protection)
In order to protect the entire application and reduce the total power dissipation during an
overload or an output short circuit condition, the device is equipped with dynamic short
circuit protection which works by internally monitoring the VFB (feedback voltage).
In the event of an overload or output short circuit, if the VOUT voltage is reduced causing the
feedback voltage (VFB) to drop below 0.3 V (typ.), the device goes into shutdown for the
TOFF time (TOFF(SCP) = 288 µs typ.) and turns on again for the TON period (TON(SCP) = 130
µs typ.). This operation is repeated cycle by cycle, and normal operation is resumed when
no overload is detected (VFB > 0.3 V typ.) for the full TON period.
This dynamic operation can greatly reduce the power dissipation in overload conditions,
while still ensuring excellent power-on startup in most conditions.
5.8.5
SCP and OCP operation with high capacitive load
Thanks to the OCP and SCP circuit, ST1S10 is strongly protected against damage from
short circuit and overload.
However, a highly capacitive load on the output may cause difficulties during start-up. This
can be resolved by using the modified application circuit shown in Figure 3, in which a
minimum of 10 µF for C1 and a 4.7 µF ceramic capacitor for C3 are used. Moreover, for
CLOAD > 100 µF, it is necessary to add the C4 capacitor in parallel to the upper voltage
divider resistor (R1) as shown in Figure 3. The recommended value for C4 is 4.7 nF.
Note that C4 may impact the control loop response and should be added only when a
capacitive load higher than 100 µF is continuously present. If the high capacitive load is
variable or not present at all times, in addition to C4 an increase in the output ceramic
capacitor C2 from 22 µF to 47 µF (or 2 x 22 µF capacitors in parallel) is recommended. Also
in this case it is suggested to further increase the input capacitors to a minimum of 10 µF for
C1 and a 4.7 µF ceramic capacitor for C3 as shown in Figure 3.
(*) see OCP and SCP descriptions for C2 and C4 selection
Figure 3.
Application schematic for heavy capacitive load
ST1S10
12V
L1
3.3µH
C1
10µF
SW
FB
VIN_SW
SYNC
EN
R1
R2
VIN_A
AGND
PGND
C3
4.7µF
C2(*)
22µF
5V – 3A
C4 (*)
4.7nF
CLOAD
LOAD
Output Load
ST1S10
12V
L1
3.3µH
C1
10µF
SW
FB
VIN_SW
SYNC
EN
R1
R2
VIN_A
AGND
PGND
C3
4.7µF
C2(*)
22µF
5V – 3A
5V – 3A
C4 (*)
4.7nF
CLOAD
CLOAD
LOAD
Output Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com