Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2401TBR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STMPE2401TBR
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401TBR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STMPE2401TBR Datasheet HTML 17Page - STMicroelectronics STMPE2401TBR Datasheet HTML 18Page - STMicroelectronics STMPE2401TBR Datasheet HTML 19Page - STMicroelectronics STMPE2401TBR Datasheet HTML 20Page - STMicroelectronics STMPE2401TBR Datasheet HTML 21Page - STMicroelectronics STMPE2401TBR Datasheet HTML 22Page - STMicroelectronics STMPE2401TBR Datasheet HTML 23Page - STMicroelectronics STMPE2401TBR Datasheet HTML 24Page - STMicroelectronics STMPE2401TBR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
STMPE2401
Clocking system
21/55
8
Clocking system
Figure 6.
Clocking system
The decision on clocks is based on the bits written into SYSCON registers. Bits 0 to 4 of the
SYSCON register control the gating of clocks to the Rotator, Keypad Controller, PWM and
GPIO respectively in the operational mode. When in sleep mode, the operating clock is cut
off from every functional blocks (including the I2C) except Keypad Controller and GPIO.
8.1
Programming sequence
To put the device in sleep mode, the following needs to be done by the host:
1.
Write a ‘1’ to bit 4 of the SYSCON register.
2.
To wakeup the device, the following needs to be done by the host:
3.
Assert a wakeup routine on the I2C bus by sending the Start Bit, followed by the device
address and the R/W bit.
4.
If there’s a NOACK, keep sending the wakeup routine till there is an ACK from the
slave.
5.
To do a soft reset to the device, the host needs to do the following:
6.
Write a ‘1’ to bit 7 of the SYSCON register.
7.
This bit is automatically cleared upon reset.
8.
To go into Hibernate mode, the following needs to be done by the host:
9.
Set the Disable_32K bit to ‘1’
10. To come out of the Hibernate mode, the following needs to be done by the host:
11. Assert a system reset or
12. Put a wakeup on the I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com