Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2401TBR Datasheet(PDF) 24 Page - STMicroelectronics

Part # STMPE2401TBR
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401TBR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STMPE2401TBR Datasheet HTML 20Page - STMicroelectronics STMPE2401TBR Datasheet HTML 21Page - STMicroelectronics STMPE2401TBR Datasheet HTML 22Page - STMicroelectronics STMPE2401TBR Datasheet HTML 23Page - STMicroelectronics STMPE2401TBR Datasheet HTML 24Page - STMicroelectronics STMPE2401TBR Datasheet HTML 25Page - STMicroelectronics STMPE2401TBR Datasheet HTML 26Page - STMicroelectronics STMPE2401TBR Datasheet HTML 27Page - STMicroelectronics STMPE2401TBR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
Interrupt system
STMPE2401
24/55
9.4
Interrupt status register (ISR)
ISR register monitors the status of the interruption from a particular interrupt source to the
host. Regardless whether the IER bits are enabled or not, the ISR bits are still updated.
Table 22. IER
Bits
Name
Description
8:0
IE[x]
Interrupt Enable Mask (where x = 8 to 0)
IE0 = Wake-up Interrupt Mask
IE1 = Keypad Controller Interrupt Mask
IE2 = Keypad Controller FIFO Overflow Interrupt Mask
IE3 = Rotator Controller Interrupt Mask
IE4 = Rotator Controller Buffer Overflow Interrupt Mask
IE5 = PWM Channel 0 Interrupt Mask
IE6 = PWM Channel 1 Interrupt Mask
IE7 = PWM Channel 2 Interrupt Mask
IE8 = GPIO Controller Interrupt Mask
Writing a ‘1’ to the IE[x] bit will enable the interruption to the host.
ISR_msb
ISR_lsb
Bit
15
14
13
12
11
10
9
8
7
6
543
21
0
Reserved
IS8
IS7
IS6
IS5
IS4
IS3
IS2
IS1
IS0
R/W
R
R
R
R
R
R
R
RW
RW
RW
RW
RW
RW
RW
RW
RW
Reset
Value
0
0
0
0
0
0
0
0
00
000
00
0
Table 23. ISR
Bits
Name
Description
8:0
IS[x]
Interrupt Status (where x = 8 to 0)
Read:
IS0 = Wake-up Interrupt Status
IS1 = Keypad Controller Interrupt Status
IS2 = Keypad Controller FIFO Overflow Interrupt Status
IS3 = Rotator Controller Interrupt Status
IS4 = Rotator Controller Buffer Overflow Interrupt Status
IS5 = PWM Channel 0 Interrupt Status
IS6 = PWM Channel 1 Interrupt Status
IS7= PWM Channel 2 Interrupt Status
IS8 = GPIO Controller Interrupt Status
Write:
A write to a IS[x] bit with a value of ‘1’ will clear the interrupt and a write with a
value of ‘0’ has no effect on the IS[x] bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com