Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2401TBR Datasheet(PDF) 35 Page - STMicroelectronics

Part # STMPE2401TBR
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401TBR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STMPE2401TBR Datasheet HTML 31Page - STMicroelectronics STMPE2401TBR Datasheet HTML 32Page - STMicroelectronics STMPE2401TBR Datasheet HTML 33Page - STMicroelectronics STMPE2401TBR Datasheet HTML 34Page - STMicroelectronics STMPE2401TBR Datasheet HTML 35Page - STMicroelectronics STMPE2401TBR Datasheet HTML 36Page - STMicroelectronics STMPE2401TBR Datasheet HTML 37Page - STMicroelectronics STMPE2401TBR Datasheet HTML 38Page - STMicroelectronics STMPE2401TBR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
STMPE2401
PWM controller
35/55
11.2
PWM control and status register (PWMCS)
Bit
7
6
5
4
3
210
Reserved
II2
II1
II0
EN2
EN1
EN0
Read/Write
R
R
R
R
R
RW
RW
RW
Reset Value
0
0
0
0
0
0
0
0
Table 32. Bit description
Bits
Name
Description
0
EN0
PWM Channel 0 Enable bit.
‘1’ – Enable the PWM Channel 0
‘0’ – Reset the PWM Channel 0. Only when the PWM channel is in reset
state, the stream of commands can be written into its data port, which in
this case is PWM_Command_Channel_0.
1
EN1
PWM Channel 1 Enable bit.
‘1’ – Enable the PWM Channel 1
‘0’ – Reset the PWM Channel 1. Only when the PWM channel is in reset
state, the stream of commands can be written into its data port, which in
this case is PWM_Command_Channel_1.
2
EN2
PWM Channel 2 Enable bit.
‘1’ – Enable the PWM Channel 2
‘0’ – Reset the PWM Channel 2. Only when the PWM channel is in reset
state, the stream of commands can be written into its data port, which in
this case is PWM_Command_Channel_2.
3
II0
PWM Invalid Instruction Status bit for PWM Channel 0
‘0’ – No invalid command encountered during the instruction execution.
‘1’ – Invalid command encountered and this puts the PWM Channel 0 into
reset state.
4
II1
PWM Invalid Instruction Status bit for PWM Channel 1
‘0’ – No invalid command encountered during the instruction execution.
‘1’ – Invalid command encountered and this puts the PWM Channel 1 into
reset state.
5
II2
PWM Invalid Instruction Status bit for PWM Channel 2
‘0’ – No invalid command encountered during the instruction execution.
‘1’ – Invalid command encountered and this puts the PWM Channel 2 into
reset state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com