Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2401TBR Datasheet(PDF) 42 Page - STMicroelectronics

Part # STMPE2401TBR
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401TBR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STMPE2401TBR Datasheet HTML 38Page - STMicroelectronics STMPE2401TBR Datasheet HTML 39Page - STMicroelectronics STMPE2401TBR Datasheet HTML 40Page - STMicroelectronics STMPE2401TBR Datasheet HTML 41Page - STMicroelectronics STMPE2401TBR Datasheet HTML 42Page - STMicroelectronics STMPE2401TBR Datasheet HTML 43Page - STMicroelectronics STMPE2401TBR Datasheet HTML 44Page - STMicroelectronics STMPE2401TBR Datasheet HTML 45Page - STMicroelectronics STMPE2401TBR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
Keypad controller
STMPE2401
42/55
13.2
KPC_col register
13.3
KPC_row_msb register
Table 38. KPC_col Register
Bit
76
5
4
3
210
Name
Input Column 0 ~ 7
Read/Write
WW
W
W
WWWW
Reset Value
00
0
0
0
000
Bit
Name
Description
7
Input Column 7
‘1’ to turn on scanning of column 7; ‘0’ to turn off
6
Input Column 6
‘1’ to turn on scanning of column 6; ‘0’ to turn off
5
Input Column 5
‘1’ to turn on scanning of column 5; ‘0’ to turn off
4
Input Column 4
‘1’ to turn on scanning of column 4; ‘0’ to turn off
3
Input Column 3
‘1’ to turn on scanning of column 3; ‘0’ to turn off
2
Input Column 2
‘1’ to turn on scanning of column 2; ‘0’ to turn off
1
Input Column 1
‘1’ to turn on scanning of column 1; ‘0’ to turn off
0
Input Column 0
‘1’ to turn on scanning of column 0; ‘0’ to turn off
Table 39. KPC_row_msb register
Bit
7
6
5
4
32
10
Name
ScanPW1
ScanPW0
-
-
Output Row 8 ~ 11
Read/Write
-
-
-
-
WW
WW
Reset Value
1
1
0
0
00
00
Bit
Name
Description
7
ScanPW1
Pulse width setting of keypad scanning. Use “11” at all
times
6
ScanPW0
5-
-
4-
-
3
Output Row 11
‘1’ to turn on scanning of row 11; ‘0’ to turn off
2
Output Row 10
‘1’ to turn on scanning of row 10; ‘0’ to turn off
1
Output Row 9
‘1’ to turn on scanning of row 9; ‘0’ to turn off
0
Output Row 8
‘1’ to turn on scanning of row 8; ‘0’ to turn off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com