Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1178IPAPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1178IPAPR
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1178IPAPR Datasheet(HTML) 1 Page - Texas Instruments

  ADS1178IPAPR Datasheet HTML 1Page - Texas Instruments ADS1178IPAPR Datasheet HTML 2Page - Texas Instruments ADS1178IPAPR Datasheet HTML 3Page - Texas Instruments ADS1178IPAPR Datasheet HTML 4Page - Texas Instruments ADS1178IPAPR Datasheet HTML 5Page - Texas Instruments ADS1178IPAPR Datasheet HTML 6Page - Texas Instruments ADS1178IPAPR Datasheet HTML 7Page - Texas Instruments ADS1178IPAPR Datasheet HTML 8Page - Texas Instruments ADS1178IPAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
BurrBrown Products
from Texas Instruments
ADS1174
ADS1178
1
FEATURES
DESCRIPTION
APPLICATIONS
VREFP VREFN AVDD
DVDD
TEST[1:0]
FORMAT[2:0]
CLK
SYNC
PWDN[8:1]
CLKDIV
Control
Logic
SPI
and
Frame-
Sync
Interface
IOVDD
DGND
AGND
DRDY/FSYNC
SCLK
DOUT[8:1]
DIN
Input2
Input1
Input4
Input3
Input6
Input5
Input8
Input7
DS
DS
DS
DS
DS
DS
DS
DS
PWDN[4:1]
ADS1178
Four
Digital
Filters
AVDD
DVDD
TEST[1:0]
FORMAT[2:0]
CLK
SYNC
CLKDIV
Control
Logic
SPI
and
Frame-
Sync
Interface
IOVDD
DGND
AGND
DRDY/FSYNC
SCLK
DOUT[4:1]
DIN
ADS1174
MODE
MODE
Eight
Digital
Filters
VREFP VREFN
Input2
Input1
Input4
Input3
DS
DS
DS
DS
ADS1174
ADS1178
SBAS373 – OCTOBER 2007
Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
234
• Synchronously Sample Four/Eight Channels
• Selectable Operating Modes:
The ADS1174 (quad) and ADS1178 (octal) are
multiple delta-sigma (
ΔΣ) analog-to-digital converters
High-Speed: 52kSPS Data Rate, 30mW/ch
(ADCs) with data rates up to 52k samples-per-second
Low-Power: 10kSPS Data Rate, 8mW/ch
(SPS), which allow synchronous sampling of four and
• AC Performance:
eight
channels.
These
devices
use
identical
25kHz Bandwidth
packages, permitting drop-in expandability.
97dB SNR
The delta-sigma architecture offers near ideal 16-bit
–105dB THD
ac performance (97dB SNR, –105dB THD, 1LSB
• Digital Filter:
linearity) combined with 0.005dB passband ripple,
Linear Phase Response
and linear phase response.
Passband Ripple: ±0.005dB
The
high-order,
chopper-
stabilized
modulator
Stop Band Attenuation: 100dB
achieves very low drift (4
μV/
°C offset, 4ppm/°C gain)
• Selectable SPI™ or Frame Sync Serial
and low noise (1LSBPP). The on-chip finite impulse
Interface
response
(FIR)
filter
provides
a
usable
signal
• Simple Pin-Driven Control
bandwidth up to 90% of the Nyquist rate with 100dB
of stop band attenuation while suppressing modulator
• Low Sampling Aperture Error
and signal out-of-band noise.
• Specified from –40°C to +105°C
Two operating modes allow for optimization of speed
• Analog Supply: 5V
and power: High-speed mode (32mW/Ch at 52kSPS),
• I/O Supply: 1.8V to 3.3V
and Low-power mode (8mW/Ch at 10kSPS).
• Digital Core Supply: 1.8V
A
SYNC
input
control
pin
allows
the
device
conversions to be started and synchronized to an
external event. SPI and Frame-Sync serial interfaces
• 3-Phase Power Monitors
are supported. The device is fully specified over the
extended industrial range (–40
°C to +105°C) and is
• Defibrillators and ECG Monitors
available in an HTQFP-64 PowerPAD™ package.
• Coriolis Flow Meters
• Vibration/Modal Analysis
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
SPI is a trademark of Motorola, Inc.
4
All other trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the
Copyright © 2007, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - ADS1178IPAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1178IPAPR TI1-ADS1178IPAPR Datasheet
973Kb / 39P
Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
ADS1178IPAPRG4 TI1-ADS1178IPAPRG4 Datasheet
973Kb / 39P
Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
More results

Similar Description - ADS1178IPAPR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1274 BURR-BROWN-ADS1274 Datasheet
1Mb / 49P
Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Texas Instruments
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
ADS1274 TI1-ADS1274 Datasheet
1Mb / 51P
Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1174 TI1-ADS1174_14 Datasheet
1Mb / 40P
Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS1274 TI1-ADS1274_14 Datasheet
1Mb / 52P
Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1278 TI1-ADS1278_14 Datasheet
1Mb / 52P
Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
Simultaneous-Sampling, Analog-to-Digital Converters
ADS8354 TI1-ADS8354 Datasheet
2Mb / 69P
Simultaneous-Sampling, Analog-to-Digital Converters
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS8364 TI1-ADS8364_16 Datasheet
959Kb / 27P
250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com