Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1178IPAPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1178IPAPR
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1178IPAPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS1178IPAPR Datasheet HTML 9Page - Texas Instruments ADS1178IPAPR Datasheet HTML 10Page - Texas Instruments ADS1178IPAPR Datasheet HTML 11Page - Texas Instruments ADS1178IPAPR Datasheet HTML 12Page - Texas Instruments ADS1178IPAPR Datasheet HTML 13Page - Texas Instruments ADS1178IPAPR Datasheet HTML 14Page - Texas Instruments ADS1178IPAPR Datasheet HTML 15Page - Texas Instruments ADS1178IPAPR Datasheet HTML 16Page - Texas Instruments ADS1178IPAPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
www.ti.com
ANALOG INPUTS (AINP, AINN)
ESDProtection
AVDD
AGND
AVDD
AINP
9pF
AINN
AGND
S
1
S
1
S
2
ON
OFF
S
1
ON
OFF
S
2
t
SAMPLE
MOD
=1/f
AINP
AINN
Z
=14k
eff
MO
W ´ (6.75MHz/f
D)
ADS1174
ADS1178
SBAS373 – OCTOBER 2007
The ADS1174/78 measures each differential input
signal VIN = (AINP – AINN) against the common
differential reference VREF = (VREFP – VREFN). The
most positive measurable differential input is +VREF,
which produces the most positive digital output code
of 7FFFh. Likewise, the most negative measurable
differential input is –VREF, which produces the most
negative digital output code of 8000h.
For
optimum
performance,
the
inputs
of
the
ADS1174/78 are intended to be driven differentially.
For single-ended input applications, one of the inputs
(AINP or AINN) can be driven while the other input is
fixed (typically, to AGND or +2.5V); fixing the input to
+2.5V permits bipolar operation, thereby using the full
range of the converter.
Figure 7. Equivalent Analog Input Circuitry
While the ADS1174/78 measures the differential input
signal, the absolute input voltage is also important.
This is the voltage on either input (AINP or AINN)
with respect to AGND. The range for this voltage is:
–0.1V < (AINN or AINP) < AVDD + 0.1V
If either input is taken below –0.4V or above (AVDD +
0.4), ESD protection diodes on the inputs may turn
Figure 8. S1 and S2 Switch Timing for Figure 7
on.
If these conditions are possible, external Schottky
clamp diodes or series resistors may be required to
Table 4. Modulator Frequency (fMOD) versus Mode
limit the input current to safe levels (see Absolute
Selection
Maximum Ratings table).
MODE SELECTION
CLKDIV
fMOD
The ADS1174/78 is a high-performance ADC. For
1
fCLK/8
High-Speed
optimum performance, it is critical that the appropriate
0
fCLK/4
circuitry be used to drive the ADS1174/78 inputs. See
1
fCLK/40
the
Applications
Information
section
for
the
Low-Power
0
fCLK/8
recommended circuits.
The ADS1174/78 uses switched-capacitor circuitry to
The
average
load
presented
by
the
switched
measure the input voltage. Internal capacitors are
capacitor input can be modeled with an effective
charged by the inputs and then discharged. Figure 7
differential impedance, as shown in Figure 9. Note
shows a conceptual diagram of these circuits. Switch
that the effective impedance is a function of fMOD.
S2 represents the net effect of the modulator circuitry
in discharging the sampling capacitor; the actual
implementation is different. The timing for switches S1
and S2 is shown in Figure 8. The sampling time
(tSAMPLE) is the inverse of modulator sampling
frequency (fMOD) and is a function of the mode, the
CLKDIV input, and frequency of CLK, as shown in
Table 4.
Figure 9. Effective Input Impedances
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com