Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1178IPAPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1178IPAPR
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1178IPAPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS1178IPAPR Datasheet HTML 23Page - Texas Instruments ADS1178IPAPR Datasheet HTML 24Page - Texas Instruments ADS1178IPAPR Datasheet HTML 25Page - Texas Instruments ADS1178IPAPR Datasheet HTML 26Page - Texas Instruments ADS1178IPAPR Datasheet HTML 27Page - Texas Instruments ADS1178IPAPR Datasheet HTML 28Page - Texas Instruments ADS1178IPAPR Datasheet HTML 29Page - Texas Instruments ADS1178IPAPR Datasheet HTML 30Page - Texas Instruments ADS1178IPAPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
www.ti.com
Input1
AINP1
AINN1
Input2
AINP2
AINN2
Input3
AINP3
AINN3
Input4
+3.3V
AINP4
AINN4
AVDD
DVDD
VREFP
VREFN
VCOM
TEST0
TEST1
DIN
AGND
DGND
IOVDD
CLK
DRDY/FSYNC
DVDD(I/O)
CLKOUT(27MHz)
McBSP
PORT
SCLK
DOUT1
CVDD
(CORE)
DOUT2
DOUT3
DOUT4
SYNC
PWDN1
I/O
PWDN2
PWDN3
PWDN4
CLKDIV
MODE
FORMAT2
FORMAT1
FORMAT0
10 F
m
(1)
+
10 F
m
(1)
10 F
m
OPA350
+
0.1 F
m
(1)
0.1 F
m
(1)
100 F
m
+
0.1 F
m
(1)
100W
1kW
REF1004
+5V
10 F
m
(1)
50W
50W
50W
50W
+3.3V
(27MHzclockinputselected)
(Low-Power,Frame-Sync,TDM,
andFixed-Positiondataselected.)
+3.3V
ADS1174
TMS320VC5509
200MHz
+1.6V
OPA1632
2.2nF
(2)
2.2nF
(2)
2.2nF
(2)
2.2nF
(2)
JTAG
Device
(3)
(1)Indicatesceramiccapacitors.
(2)IndicatesCOGceramiccapacitors.
(3)Optional.Forboundaryscantest,theADS1174digitalI/OshouldconnecttoaJTAG-compatibledevice.
+1.8V
OPA350
Buffered
VCOM
Output
47W
100W
20kW
+15V
(1)
NOTES: (1)Bypasswith10 Fand0.1 Fcapacitors.
m
m
(2)15nFforLow-Speedmode.
-
15V
(1)
V
IN
49.9W
AINP
OPA1632
AINN
V
OCM
0.1 F
m
1kW
1kW
1kW
1kW
49.9W
2.7nF
(2)
2.7nF
(2)
Buffered
VCOM
Output
+15V
(1)
NOTES: (1)Bypasswith10 Fand0.1 Fcapacitors.
m
m
(2)56nFforLow-Speedmode.
-
15V
(1)
Buffered
VCOM
Output
V
IN
OPA1632
49.9W
AINP
AINN
V
=0.25
V
´
IN
O DIFF
V
=V
O COMM
REF
V
OCM
0.1 F
m
249W
1kW
249W
1kW
49.9W
10nF
(2)
10nF
(2)
ADS1174
ADS1178
SBAS373 – OCTOBER 2007
Figure 26. ADS1174 Basic Connection Drawing
Figure 27. Basic Differential Input Signal Interface
Figure 28. Basic Single-Ended Input Signal
Interface
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com