Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1178IPAPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1178IPAPR
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1178IPAPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1178IPAPR Datasheet HTML 17Page - Texas Instruments ADS1178IPAPR Datasheet HTML 18Page - Texas Instruments ADS1178IPAPR Datasheet HTML 19Page - Texas Instruments ADS1178IPAPR Datasheet HTML 20Page - Texas Instruments ADS1178IPAPR Datasheet HTML 21Page - Texas Instruments ADS1178IPAPR Datasheet HTML 22Page - Texas Instruments ADS1178IPAPR Datasheet HTML 23Page - Texas Instruments ADS1178IPAPR Datasheet HTML 24Page - Texas Instruments ADS1178IPAPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
www.ti.com
TDM Mode, Dynamic Position Data
Discrete Data Output Mode
CH2
DOUT1
(
)
ADS1174
CH4
DIN
SCLK
DRDY
(SPI)
FSYNC
(Frame-Sync)
1
2
16
17
15
32
33
31
34
35
CH2
DOUT1
(
)
ADS1178
CH4
CH5
CH8
DIN
80
81
95
96
97
98
99
CH1
DOUT1
CH2
DOUT2
CH3
DOUT3
CH4
DOUT4
SCLK
DRDY
(SPI)
FSYNC
(Frame-Sync)
1
2
14
15
16
CH5
DOUT5
CH6
DOUT6
CH7
DOUT7
CH8
DOUT8
ADS1178 Only
ADS1174
ADS1178
SBAS373 – OCTOBER 2007
In this TDM data output mode, when a channel is
In Discrete data output mode, the channel data are
powered-down, the data from higher channels shift
shifted out in parallel using individual channel data
one position in the data stream to fill the vacated data
output
pins
DOUT[4:1]
for
the
ADS1174,
or
slot. Figure 19 shows the data stream with channel 1
DOUT[8:1] for the ADS1178. After the 16th SCLK,
and channel 3 powered-down.
the channel data are forced to zero. The data are
also forced to zero for powered-down channels.
Figure 20 depicts the data format.
Figure 19. TDM Mode, Dynamic Position Data (Channels 1 and 3 Shown Powered-Down)
Figure 20. Discrete Data Output Mode
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com