Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1178IPAPT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1178IPAPT
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1178IPAPT Datasheet(HTML) 4 Page - Texas Instruments

  ADS1178IPAPT Datasheet HTML 1Page - Texas Instruments ADS1178IPAPT Datasheet HTML 2Page - Texas Instruments ADS1178IPAPT Datasheet HTML 3Page - Texas Instruments ADS1178IPAPT Datasheet HTML 4Page - Texas Instruments ADS1178IPAPT Datasheet HTML 5Page - Texas Instruments ADS1178IPAPT Datasheet HTML 6Page - Texas Instruments ADS1178IPAPT Datasheet HTML 7Page - Texas Instruments ADS1178IPAPT Datasheet HTML 8Page - Texas Instruments ADS1178IPAPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
www.ti.com
ADS1174
ADS1178
SBAS373 – OCTOBER 2007
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = –40°C to +105°C, AVDD = +5V, DVDD = +1.8V, IOVDD = +3.3V, fCLK = 27MHz, VREFP = 2.5V,
VREFN = 0V, and all channels active, unless otherwise noted.
ADS1174, ADS1178
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE REFERENCE INPUTS
Reference input voltage (VREF)
VREF = VREFP – VREFN
0.5
2.5
3.1
V
Negative reference input (VREFN)
AGND – 0.1
VREFP – 0.5
V
Positive reference input (VREFP)
VREFN + 0.5
AVDD + 0.1
V
High-Speed mode
2.6
k
Ω
ADS1174
Reference Input impedance
Low-Power mode
13
k
Ω
High-Speed mode
1.3
ADS1178
Reference Input impedance
Low-Power mode
6.5
DIGITAL INPUT/OUTPUT (IOVDD = 1.8V to 3.6V)
VIH
0.7 IOVDD
IOVDD
V
VIL
DGND
0.3 IOVDD
V
VOH
IOH = 5mA
0.8 IOVDD
IOVDD
V
VOL
IOL = 5mA
DGND
0.2 IOVDD
V
Input leakage
0 < VIN DIGITAL < IOVDD
±10
μA
Master clock rate (fCLK)
0.1
27
MHz
POWER SUPPLY
AVDD
4.75
5
5.25
V
DVDD
1.65
1.8
1.95
V
IOVDD
1.65
3.3
3.6
V
High-Speed mode
22
TBD
mA
ADS1174
Low-Power mode
5
TBD
mA
AVDD current
Power-Down mode
1
TBD
μA
High-Speed mode
40
TBD
mA
ADS1178
Low-Power mode
9
TBD
mA
AVDD current
Power-Down mode
1
TBD
μA
High-Speed mode
9
TBD
mA
ADS1174
Low-Power mode
2.5
TBD
mA
DVDD current
Power-Down mode
1
TBD
μA
High-Speed mode
17
TBD
mA
ADS1178
Low-Power mode
4.5
TBD
mA
DVDD current
Power-Down mode
1
TBD
μA
High-Speed mode
100
TBD
μA
ADS1174
Low-Power mode
100
TBD
μA
IOVDD current
Power-Down mode
1
TBD
μA
High-Speed mode
150
TBD
μA
ADS1178
Low-Power mode
150
TBD
μA
IOVDD current
Power-Down mode
1
TBD
μA
High-Speed mode
125
TBD
mW
ADS1174
Power dissipation
Low-Power mode
32
TBD
mW
High-Speed mode
225
TBD
mW
ADS1178
Power dissipation
Low-Power mode
60
TBD
mW
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com