Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1178IPAPT Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1178IPAPT
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1178IPAPT Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS1178IPAPT Datasheet HTML 21Page - Texas Instruments ADS1178IPAPT Datasheet HTML 22Page - Texas Instruments ADS1178IPAPT Datasheet HTML 23Page - Texas Instruments ADS1178IPAPT Datasheet HTML 24Page - Texas Instruments ADS1178IPAPT Datasheet HTML 25Page - Texas Instruments ADS1178IPAPT Datasheet HTML 26Page - Texas Instruments ADS1178IPAPT Datasheet HTML 27Page - Texas Instruments ADS1178IPAPT Datasheet HTML 28Page - Texas Instruments ADS1178IPAPT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
www.ti.com
BOUNDARY SCAN TEST[1:0] INPUTS
VCOM OUTPUT
NOTE:BufferisrequiredifVCOMisusedforanypurpose.
OPA350
0.1 F
m
VCOM
VDD/2)
(A
»
ADS1174/ADS1178
ADS1174
ADS1178
SBAS373 – OCTOBER 2007
Therefore,
if
using
boundary
scan
tests,
the
ADS1174/78
digital
I/O
should
connect
to
a
The Boundary Scan test mode feature of the
JTAG-compatible device. The analog input, power
ADS1174/78 allows continuity testing of the digital I/O
supply, and ground pins remain connected as normal.
pins. In this mode, the normal functions of the digital
The test mode is engaged by the setting the pins
pins are disabled and routed to each other as pairs
TEST[1:0] = 11. For normal converter operation, set
through internal logic, as shown in Table 13. Note
TEST[1:0] = 00.
that some of the digital input pins become outputs.
Table 13. Test Mode Pin Map (TEST[1:0] = 11)
The VCOM pin is an analog output of approximately
TEST MODE PIN MAP(1)
AVDD/2. This voltage may be used to set the
INPUT PINS
OUTPUT PINS
common-mode voltage of the input buffers. However,
PWDN1
DOUT1
the pin must be buffered. A 0.1
μF capacitor to AGND
PWDN2
DOUT2
is recommended to reduce noise pick-up.
PWDN3
DOUT3
PWDN4
DOUT4
PWDN5 (2)
DOUT5(2)
PWDN6 (2)
DOUT6(2)
PWDN7 (2)
DOUT7(2)
PWDN8 (2)
DOUT8(2)
MODE
DIN
FORMAT0
CLKDIV
FORMAT1
DRDY/FSYNC
Figure 25. VCOM Output
FORMAT2
SCLK
(1)
The CLK input does not have a test output; SYNC = 1 and is
an output.
(2)
ADS1178 only.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com