Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1178IPAPT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1178IPAPT
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1178IPAPT Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS1178IPAPT Datasheet HTML 10Page - Texas Instruments ADS1178IPAPT Datasheet HTML 11Page - Texas Instruments ADS1178IPAPT Datasheet HTML 12Page - Texas Instruments ADS1178IPAPT Datasheet HTML 13Page - Texas Instruments ADS1178IPAPT Datasheet HTML 14Page - Texas Instruments ADS1178IPAPT Datasheet HTML 15Page - Texas Instruments ADS1178IPAPT Datasheet HTML 16Page - Texas Instruments ADS1178IPAPT Datasheet HTML 17Page - Texas Instruments ADS1178IPAPT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
www.ti.com
VOLTAGE REFERENCE INPUTS
CLOCK INPUT (CLK)
ESD
Protection
AVDD
AVDD
VREFN
VREFP
AGND
AGND
VREFP
VREFN
Z
=
eff
´ (6.75MHz/f
)
MOD
5.2kW
N
N =numberofactivechannels.
ADS1174
ADS1178
SBAS373 – OCTOBER 2007
If these conditions are possible, external Schottky
(VREFP, VREFN)
clamp diodes or series resistors may be required to
limit the input current to safe levels (see Absolute
The voltage reference for the ADS1174/78 ADC is
Maximum Ratings table).
the differential voltage between VREFP and VREFN:
VREF = (VREFP – VREFN). The voltage reference is
Note that the valid operating range of the reference
common to the four channels. The reference inputs
inputs is limited to the following:
use a structure similar to that of the analog inputs
–0.1V
≤ VREFN ≤ VREFP – 0.5V
with the equivalent circuitry on the reference inputs
shown in Figure 10. As with the analog inputs, the
VREFN + 0.5V
≤ VREFP ≤ AVDD + 0.1V
load presented by the switched capacitor can be
A high-quality reference voltage with the appropriate
modeled with an effective impedance, as shown in
drive strength is essential for achieving the best
Figure 11. However, the reference input impedance
performance from the ADS1174/78. Noise and drift
depends on the number of active (enabled) channels
on
the
reference
degrade
overall
system
in addition to fMOD. As a result of the change of
performance. See the Application Information section
reference input impedance caused by enabling and
for example reference circuits.
disabling channels, the regulation and settling time of
the external reference should be noted, so as not to
affect the readings of other channels.
The ADS1174/78 requires a clock input for operation.
Each ADS1174/78 converter operates from the same
clock input. At the maximum data rate, the clock input
can be either 27MHz or 13.5MHz (5.4MHz, low
power), determined by the setting of the CLKDIV
input. The selection of the external clock frequency
(fCLK) does not affect the resolution (the oversampling
ratio, OSR, remains fixed) or power dissipation of the
ADS1174/78. However, using a slower fCLK can
reduce the power consumption of an external clock
driver. The output data rate scales with clock
frequency, down to a minimum clock frequency of
fCLK = 100kHz. Table 5 summarizes the ratio of clock
input frequency (fCLK) to data rate (fDATA), maximum
data rate and corresponding maximum clock input for
Figure 10. Equivalent Reference Input Circuitry
the two operating modes.
Table 5. Clock Input Options
MODE
fCLK
DATA RATE
SELECTION
(MHz)
CLKDIV
fCLK/fDATA
(SPS)
27
1
512
High-Speed
52,734
13.5
0
256
27
1
2,560
Low-Power
10,547
5.4
0
512
As with any high-speed data converter, a high-quality,
Figure 11. Effective Reference Impedance
low-jitter clock is essential for optimum performance.
Crystal clock oscillators are the recommended clock
source. Make sure to avoid excess ringing on the
ESD diodes protect the reference inputs. To keep
clock input; keeping the clock trace as short as
these diodes from turning on, make sure the voltages
possible using a 50
Ω series resistor, placed close to
on the reference pins do not go below AGND by
the source end, often helps.
more than 0.4V, and likewise do not exceed AVDD by
0.4V.
14
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com