Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1178IPAPT Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1178IPAPT
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1178IPAPT Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS1178IPAPT Datasheet HTML 20Page - Texas Instruments ADS1178IPAPT Datasheet HTML 21Page - Texas Instruments ADS1178IPAPT Datasheet HTML 22Page - Texas Instruments ADS1178IPAPT Datasheet HTML 23Page - Texas Instruments ADS1178IPAPT Datasheet HTML 24Page - Texas Instruments ADS1178IPAPT Datasheet HTML 25Page - Texas Instruments ADS1178IPAPT Datasheet HTML 26Page - Texas Instruments ADS1178IPAPT Datasheet HTML 27Page - Texas Instruments ADS1178IPAPT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
www.ti.com
POWER-UP SEQUENCE
DRDY
(SPI)
DOUT
(Frame-Sync)
InternalReset
CLK
1VNom
(1)
IOVDD
1VNom
(1)
DVDD
3.5VNom
(1)
AVDD
ValidData
2
18
f
CLK
128
f
DATA
NOTE:(1)Thepower-supplyresetthresholdsareapproximate.
ADS1174
ADS1178
SBAS373 – OCTOBER 2007
Figure 24 shows the power-up sequence of the
ADS1174/78. The power supplies can be sequenced
The ADS1174/78 has three power supplies: AVDD,
in any order. Each supply has an internal reset circuit
DVDD, and IOVDD. AVDD is the analog supply that
where the outputs are summed together to generate
powers the modulator, DVDD is the digital supply that
an internal global power-on reset. After the supplies
powers the digital core, and IOVDD is the digital I/O
have exceeded the reset thresholds, 218 fCLK cycles
power supply. The IOVDD and DVDD power supplies
are
counted
before
the
converter
initiates
the
can be tied together if desired. To achieve rated
conversion process. After all the fCLK cycles are
performance, it is critical that the power supplies are
counted, the data for 128 conversions is suppressed
bypassed with 0.1
μF and +10μF capacitors placed as
by the ADS1174/78 to allow output of fully-settled
close as possible to the supply pins. A single 1
μF
data. In SPI protocol, DRDY is held high during this
ceramic capacitor may be substituted in place of the
interval. In frame-sync protocol, DOUT is forced to
two capacitors.
zero. The power supplies should be applied before
any analog or digital pin is driven.
Figure 24. Power-Up Sequence
24
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com