Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D5-SBC-R39 Datasheet(PDF) 3 Page - Kontron

Part # 3D5-SBC-R39
Description  3.5” SINGLE BOARD COMPUTER WITH ARM® CORTEX®-A72
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

3D5-SBC-R39 Datasheet(HTML) 3 Page - Kontron

  3D5-SBC-R39 Datasheet HTML 1Page - Kontron 3D5-SBC-R39 Datasheet HTML 2Page - Kontron 3D5-SBC-R39 Datasheet HTML 3Page - Kontron 3D5-SBC-R39 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
// 3
www.kontron.com
TECHNICAL INFORMATION
SYSTEM
VIDEO
AUDIO
NETWORK CONNECTION
PERIPHERAL CONNECTION
STORAGE & EXPANSION
POWER
FIRMWARE
SYSTEM CTRL & MONITORING
COOLING
SOFTWARE
MECHANICAL
ENVIRONMENTAL
CERTIFICATION
PROCESSOR
MEMORY
GRAPHICS
DISPLAY INTERFACE
MULTIPLE DISPLAY
AUDIO CODEC
AUDIO INTERFACE
ETHERNET
WIRELESS
USB
SERIAL PORT
OTHER I/Os
eMMC
MICRO SD CAGE
mPCIe
M.2
SIM CARD HOLDER
INPUT VOLTAGE & CONNECTOR
WATCHDOG
REAL TIME CLOCK
SECURITY
FP HEADER
FAN
OS SUPPORT
DIMENSION (L x W)
OPERATING TEMPERATURE
STORAGE TEMPERATURE
HUMIDITY
EMC & SAFETY
Rockchip RK3399
(64-bit Dual Core ARM® Cortex®-A72 + Quad Core Cortex®-A53 up to 1.8 GHz)
Rockchip RK3399K
(64-bit Dual Core ARM® Cortex®-A72 + Quad Core Cortex®-A53 up to 2.0 GHz)
2 GByte / 4 GByte LPDDR4 memory down
Mali-T864
1x eDP (4096 x 2160 @ 60 Hz)
1x LVDS (24-bit, 2-ch, 1920 x 1200 @ 60 Hz)
1x DP (4096 x 2160 @ 60 Hz, on front)
1x HDMI 2.0 (4096 x 2160 @ 60 Hz, on front)
Dual Display
Realtek ALC5651
2x Speaker-out (3 W, by header)
1x Line-out (by header)
1x Line-in (by header)
1x Mic-in (by header)
2x GbE LAN (RJ45 on front, 1x Realtek RTL8211F, 1x Realtek RTL8153B)
Wi-Fi + Bluetooth (AMPAK AP6236)
2x USB 3.2 Gen 1 (Type A on front)
3x USB 2.0 (1x Type A on front, 2x by header)
1x USB 2.0 OTG (Type A on front)
2x RS232 with TX / Rx (by header)
8x GPIO (by header)
16 GByte / 32 GByte eMMC (onboard)
1x Micro SD Cage (onboard)
1x mPCIe (Full size, mixed w/ PCIe x1 / USB 2.0)
1x M.2 Key B (Type 3042, mixed w/ USB 3.0)
1x M.2 Key E (Type 2230, mixed w/ PCIe x1 / USB 2.0)
1x SIM Card Cage (Micro type, connected to M.2 Key B)
DC 13 V ~ 30 V, 3-pin pitch 3.5 mm Terminal Block (on rear, Configuration 1)
DC 12 V, 1x4-pin pitch 3.0 mm Wafer (on rear, Configuration 2)
Power on / o management & Watcdog Timer support (ST STM8S103 MCU)
I2C RTC Chip onboard (HAOYU HYM8563)
Microchip ATSHA204A CryptoAuthentication
1x Header for Power Switch, User-defined Switch & 2x User-defined LED
1x Wafer for Smart Fan
Linux, Android
ECX (146 mm x 105 mm / 5.75" x 4.13")
0 °C ~ 60 °C / 32 °F ~ 140 °F
-20 °C ~ 65 °C / -4 °F ~ 149 °F
0 % ~ 95 %
CE Class A, FCC Class A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com