Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D5-SBC-R39 Datasheet(PDF) 4 Page - Kontron

Part # 3D5-SBC-R39
Description  3.5” SINGLE BOARD COMPUTER WITH ARM® CORTEX®-A72
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

3D5-SBC-R39 Datasheet(HTML) 4 Page - Kontron

  3D5-SBC-R39 Datasheet HTML 1Page - Kontron 3D5-SBC-R39 Datasheet HTML 2Page - Kontron 3D5-SBC-R39 Datasheet HTML 3Page - Kontron 3D5-SBC-R39 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
// 4
Kontron Europe GmbH
Gutenbergstraße 2
85737 Ismaning, Germany
Tel.: + 49 821 4086-0
Fax: + 49 821 4086-111
info@kontron.com
www.kontron.com
GLOBAL HEADQUATERS
ORDERING INFORMATION
ARTICLE
3.5”-SBC-R39-0-RK3399
3.5”-SBC-R39-1-RK3399K
DESCRIPTION
Rockchip RK3399, 4 GByte LPDDR4 memory down, 16 GByte eMMC, DC 13 V ~ 30 V input
Rockchip RK3399K, 4 GByte LPDDR4 memory down, 16 GByte eMMC, DC 13 V ~ 30 V input



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com