Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D5-SBC-R39 Datasheet(PDF) 1 Page - Kontron

Part # 3D5-SBC-R39
Description  3.5” SINGLE BOARD COMPUTER WITH ARM® CORTEX®-A72
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

3D5-SBC-R39 Datasheet(HTML) 1 Page - Kontron

  3D5-SBC-R39 Datasheet HTML 1Page - Kontron 3D5-SBC-R39 Datasheet HTML 2Page - Kontron 3D5-SBC-R39 Datasheet HTML 3Page - Kontron 3D5-SBC-R39 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.5”-SBC-R39
HIGH-PERFORMANCE & BUDGET-FRIENDLY
1x eDP, 1x LVDS, 1x DP, 1x HDMI 2.0 for dual display support
2x GbE LAN, Wi-Fi, Bluetooth for wired & wireless network connection
2x USB 3.2 Gen 1, 3x USB 2.0, 1x USB OTG, 2x RS232 (Tx/Rx) for peripheral connection
8x GPIO for device / signal control
eMMC, 1x Micro SD Cage, 1x mPCIe, 1x M.2 Key B, 1x M.2 Key E for storage & expansion
3.5” SINGLE BOARD COMPUTER WITH ARM® CORTEX®-A72 +
CORTEX®-A53 BASED PROCESSOR, ROCKCHIP RK3399(K)


Similar Part No. - 3D5-SBC-R39

ManufacturerPart #DatasheetDescription
logo
Kontron
3D5-SBC-RPL KONTRON-3D5-SBC-RPL Datasheet
2Mb / 4P
3.5" Single Board Computer with 13th Gen Intel® Core™
More results

Similar Description - 3D5-SBC-R39

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
logo
Advantech Co., Ltd.
EPC-R4710 ADVANTECH-EPC-R4710 Datasheet
674Kb / 2P
Rockchip RK3399 Cortex-A72 ARM Based Box Computer
25-Apr-2022
ROM-5780 ADVANTECH-ROM-5780 Datasheet
3Mb / 5P
Rockchip RK3399 Cortex®-A72A53 SMARC 2.1 Computer-on-Module
7-Jul-2021
ROM-8720 ADVANTECH-ROM-8720 Datasheet
974Kb / 2P
NXP Arm® Cortex®-A72 LS1046A COM Express Type 7 Compact
4-Aug-2022
RSB-4220 ADVANTECH-RSB-4220 Datasheet
422Kb / 2P
TI Sitara™ ARM® AM3352 Cortex®-A8 3.5" SBC with Linux Kernel V3.2.0
3-May-2016
RSB-4220_V101 ADVANTECH-RSB-4220_V101 Datasheet
819Kb / 2P
TI Sitara™ ARM® AM3352 Cortex®-A8 3.5" SBC
13-Jan-2017
RSB-4710 ADVANTECH-RSB-4710 Datasheet
691Kb / 2P
Rockchip ARM Cortex-A72 RK3399 3.5 SBC
16-Aug-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com