Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D5-SBC-R39 Datasheet(PDF) 2 Page - Kontron

Part # 3D5-SBC-R39
Description  3.5” SINGLE BOARD COMPUTER WITH ARM® CORTEX®-A72
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

3D5-SBC-R39 Datasheet(HTML) 2 Page - Kontron

  3D5-SBC-R39 Datasheet HTML 1Page - Kontron 3D5-SBC-R39 Datasheet HTML 2Page - Kontron 3D5-SBC-R39 Datasheet HTML 3Page - Kontron 3D5-SBC-R39 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.kontron.com
3.5”-SBC-R39
3.5" SINGLE BOARD COMPUTER WITH ARM® CORTEX®-A72 + CORTEX®-A53 BASED PROCESSOR, ROCKCHIP RK3399(K)
3.5"-SBC-R39 is a 3.5" single board computer powered by Rockchip
RK3399(K) processor based on ARM® big.LITTLE architecture with
ARM® Cortex®-A72 (big) and Cortex®-A53 (LITTLE), which delivers
optimized performance in 4K Ultra HD streaming at 60 fps with the
lowest power. It is an ideal platform for integration into a fanless
system used in budget-conscious consumer, commercial or indus-
trial applications, such as home entertainment, digital signage,
kiosk, smart oce, smart surveillance and industrial control.
// 2
BLOCK DIAGRAM
Rockchip
RK3399(K)
DisplayPort
Connector
TYPEC0
Micro-SD
Card Cage
SDMMC0
16
GB / 32 GB
eMMC
eMMC
2 GB / 4 GB
LPDDR4
LPDDR4-1600
HDMI
Connector
HDMI / I2C3
eDP
Connector
eDP
GPIO
Wafer
8-bit GPIO
LVDS
Connector
LVDS
Convertor
TC358775XBG
LVDS
24-bit, 2-ch
MIPI-TX0
/ I2C1
1x RJ45
Connector
GbE1
RTL8211F
GbE
RGMII
SPDIF
Wafer
SPDIF
RTC
HYM8563
I2C2
MCU
STM8S103
Security
ATSHA204A
PMIC
RK808
I2C0
Front
Header
SW / GPIO
I2C4
SW
SIM
Audio Codec
ALC5651-CGT
I2S0 / I2S1
/I2C1
Audio
Wafer
HPO / LIN
/MIN
2x 3 W
Audio AMP
2x SPKR
Wafer
SPKRO
LOUT
1x RS232
Wafer
RS232
Transceiver
2x RS232
UART2 /
UART4
FAN
Wafer
FAN CTL
2x USB 2.0
Connector
HOST0 /
TYPEC0
M.2 Key B
Connector
USB 3.2
Gen 1 Hub
TYPEC1
Micro SIM
Card Cage
2x USB 3.2
Gen 1
Connector
1x RJ45
Connector
GbE2
RTL8153B
GbE
USB 3.2
Gen 1
USB 3.2 Gen 1
Wi-Fi / BT
AP6236
M.2 Key E
Connector
mPCIe
Connector
PCIe
MUX
PCIe x1
PCIe x1
PCIe x1
USB 2.0
Hub
HOST1
2x USB 2.0
Header
USB 2.0
USB 2.0
SDIO0 /
UART0
(SDIO0 / UART0)
USB 3.2
Gen 1
SIM
USB 2.0
PRODUCT HIGHLIGHTS
ARM® Cortex®-A72 + Cortex®-A53 based CPU, Rockchip RK3399(K)
2 GByte / 4 GByte LPDDR4 memory down
1x eDP, 1x LVDS, 1x DP, 1x HDMI 2.0 for dual disply support
2x GbE LAN, Wi-Fi, Bluetooth for network connection
2x USB 3.2 Gen 1, 3x USB 2.0, 1x USB 2.0 OTG for USB device connection
2x RS232 (Tx / Rx) for serial device connection
8x GPIO for device / signal control
16 GByte / 32 GByte eMMC, 1x Micro SD Cage for storage
1x mPCIe, 1x M.2 Key B, 1x M.2 Key E for expansion
USB 3.2 Gen 1
USB 3.2 Gen 1
GbE
GbE
USB 2.0
USB 2.0 OTG
DP
HDMI 2.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com