Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2272PCI-RDK Datasheet(PDF) 1 Page - PLX Technology

Part # NET2272PCI-RDK
Description  Local Bus to USB 2.0 Hi-Speed Peripheral Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

NET2272PCI-RDK Datasheet(HTML) 1 Page - PLX Technology

  NET2272PCI-RDK Datasheet HTML 1Page - PLX Technology NET2272PCI-RDK Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Local Bus to USB 2.0 Hi-Speed Peripheral Controller
.
Features
Overview
o
8/16 bit local bus connects gluelessly
to most CPUs, DSPs, and DMA
controllers
o
Hi-Speed USB 2.0 Peripheral Port
o
Bursting DMA support facilitates
data transfers at 480 Mbps
o
High Bandwidth Isochronous Support
o
Low Power(186mW) requirements
ideal for USB Bus-Powered
Operation
o
Lowest standby power in its class
(8.1µW)
o
Variable I/O voltage (1.8V to 5V)
o
Lead Free Packaging
o
10x10mm 64-Pin TQFP Package
o
6x6mm, 64-Ball BGA Package
Hi-Speed USB 2.0 Interface
o
USB 2.0 Peripheral Interface
o
Hi-Speed USB with Sustained
Bandwidth of up to 40MBytes/sec (at
480 Mbps bursts)
o
Backwards compatible to Full Speed
USB connections
o
Utilize up to 30 Independent USB
Endpoints using Dynamic Virtual
Endpoint Technology
TM
o
Support for Bulk, Isochronous, and
Interrupt Endpoints
o Integrated PHY
Optimized for Power and Performance
PLX Technology’s NET2272 Local Bus to Hi-Speed USB 2.0 Peripheral Controller
is designed for low power and high performance applications.
The NET2272’s low power requirements (186mW active, 8.1µW standby) make it
ideal for bus-powered or battery-powered applications. USB bus-powered devices
are allowed to draw a maximum 500mA (according to the USB specification) of
operating current from the PC through the USB cable. The NET2272’s low power
makes this requirement easy to support. Furthermore, the NET2272’s variable I/O
voltage (1.8V to 5V) makes it easy to connect to other low power components.
The NET2272 features the highest sustained data transfer speeds on USB – up to
40Mbytes/sec. An optional Split Bus mode allows for simultaneous DMA and CPU
access to the NET2272. In this mode, the external DMA controller is connected to
upper 8-bits of the data bus, while the local CPU is connect to the lower 8-bits of the
data bus. While DMA transactions are taking place, the local CPU can
simultaneously access any endpoint buffer not involving the DMA.
The NET2272’s Dynamic Virtual Endpoint Technology™ actualizes the maximum
number of endpoints (30) allowed by the USB specification. This feature provides
the flexibility for applications to route different data through different endpoints to
improve quality of service and ease of design.
Add Hi-Speed USB 2.0 to Your Device
The NET2272 can be used to easily add a USB 2.0 peripheral port to any local bus
based embedded system. The local bus interface of the NET2272 can often connect
gluelessly because
its interface looks
like an 8 or 16-bit
SRAM. Most
CPUs and DSPs
already have these
memory interfaces
integrated.
The NET2272’s
asynchronous bus
makes it frequency
independent.
Accessing the
NET2272’s
registers is as
simple as accessing
memory.
Figure 1: NET2272 Block Diagram
Version 1.3 2005
NET2272


Similar Part No. - NET2272PCI-RDK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NET2272 ETC2-NET2272 Datasheet
560Kb / 102P
USB 2.0 Peripheral Controller
More results

Similar Description - NET2272PCI-RDK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1582 PHILIPS-ISP1582 Datasheet
325Kb / 66P
Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
logo
PLX Technology
NET2280 PLX-NET2280 Datasheet
229Kb / 2P
PCI to USB 2.0 Hi-Speed Peripheral Controller
NET2282 PLX-NET2282 Datasheet
110Kb / 2P
PCI to USB 2.0 Hi-Speed Peripheral Controller
logo
Texas Instruments
TUSB6015 TI-TUSB6015 Datasheet
694Kb / 28P
USB 2.0 High Speed Peripheral Controller
logo
NXP Semiconductors
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583 NXP-ISP1583 Datasheet
507Kb / 100P
Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
logo
PLX Technology
OXU210HP PLX-OXU210HP Datasheet
105Kb / 1P
Local bus to Hi-Speed USB Host, Peripheral/OTG controller
OXU931S PLX-OXU931S Datasheet
102Kb / 1P
Hi-Speed USB 2.0 to SATA Controller
OXU931SF PLX-OXU931SF Datasheet
112Kb / 1P
Hi-Speed USB 2.0 to SATA Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com