Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55271 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP55271
Description  Tiny LED Driver for Camera Flash and 4 LEDs with I2C Programmability, Connectivity Test and Audio Synchronization
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP55271 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LP55271 Datasheet HTML 13Page - National Semiconductor (TI) LP55271 Datasheet HTML 14Page - National Semiconductor (TI) LP55271 Datasheet HTML 15Page - National Semiconductor (TI) LP55271 Datasheet HTML 16Page - National Semiconductor (TI) LP55271 Datasheet HTML 17Page - National Semiconductor (TI) LP55271 Datasheet HTML 18Page - National Semiconductor (TI) LP55271 Datasheet HTML 19Page - National Semiconductor (TI) LP55271 Datasheet HTML 20Page - National Semiconductor (TI) LP55271 Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Test Interface (Continued)
20202420
Test Interface Timing Diagram
Test Interface Timing Parameters
Symbol
Condition
Parameter
Limit
Units
Min
Max
1V
DD1,2 = 4.2V
Setup Time after V
DD1,2 = 4.2V
1
ms
2
Clock High Time
200
µs
3
Clock Low Time
200
µs
4
Test Result Settling Time
10
µs
5
Data Hold Time
0
10
ns
NOTE: Data guaranteed by design
Test Interface Characteristics
Limits in standard typeface are for T
J =25
oC.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Logic Input T1
V
IL
Input Low Level
V
DD1,2 = 4.2V
0.5
V
V
IH
Input High Level
1.2
V
Logic Output T2
V
OL
Output Low Level
V
DD1,2 = 4.2V, IOUT =3mA
(pull-up current)
0.3
0.5
V
V
OH
Output High Level
V
DD1,2 = 4.2V, IOUT =-3mA
(pull-down current)
V
DD1,2 - 0,5
3.9
V
Internal Current Sink
I
SINK
Sink Current
V
DD1,2 = 4.2V
500
µA
Connectivity Test Pass Range
V
PASS1
Voltage Over the Internal
Current Sink; Low Level
Production test cases
V
DD1,2 = 4.2V
V
OUT = 3.9V to 4.2V
-50
0.10
+50
V
%
V
PASS2
Voltage Over the Internal
Current Sink; High Level
-10
2.90
+10
V
%
V
PASS3
Voltage Over the Internal
Current Sink; Low Level
Field test cases
V
DD1,2 = 3.0V to 4.2V
V
OUT = 5.0V ± 5%
-30
0.40
+30
V
%
V
PASS4
Voltage Over the Internal
Current Sink; High Level
-10
3.95
+10
V
%
NOTE: Data guaranteed by design
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com