Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55271 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP55271
Description  Tiny LED Driver for Camera Flash and 4 LEDs with I2C Programmability, Connectivity Test and Audio Synchronization
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP55271 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP55271 Datasheet HTML 7Page - National Semiconductor (TI) LP55271 Datasheet HTML 8Page - National Semiconductor (TI) LP55271 Datasheet HTML 9Page - National Semiconductor (TI) LP55271 Datasheet HTML 10Page - National Semiconductor (TI) LP55271 Datasheet HTML 11Page - National Semiconductor (TI) LP55271 Datasheet HTML 12Page - National Semiconductor (TI) LP55271 Datasheet HTML 13Page - National Semiconductor (TI) LP55271 Datasheet HTML 14Page - National Semiconductor (TI) LP55271 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Flash Driver
LP55271 has an internal constant current driver that is ca-
pable for sinking low (46 mA) and high (370 mA) current
mainly targeted for torch and flash LED in camera phone
applications. 370 mA flash driver can be hardware or soft-
ware enabled. Flash safety function prevents hardware dam-
ages due to possible overheating when the flash has been
stuck on because of a hardware, software or user error.
Flash safety counter starts counting when the flash is acti-
vated and disables the flash automatically when the pre-
defined 1.0s or 2.0s time limit is reached. Flash is activated
with FLASH_SYNC bit or FLASH_SYNC pin, as defined in
the table below. Safety time limit is defined by SAFETY-
_TIME bit. (Time limit is 2.0s if SAFETY_TIME bit is low and
1.0s if the bit is high.)
Flash driver currents — both torch and flash — are set with
external resistor R
F. The flash current is 480/RF amperes
and the torch current is 60/R
F amperes. User should not use
lower resistance value than 1200
Ω.
Flash LED Control (X = don’t care)
EN_TORCH bit
EN_FLASH bit
FLASH_SYNC bit or pin
SAFETY_TIME bit
Flash LED Action
0
0
X
X
Off
1
0
X
X
Torch
X
1
Change from LOW to HIGH to
engage; from HIGH to LOW to
disengage
0 for 2.0 seconds;
1 for 1.0 second
Flash
Flash Programming Example
Address
Data
Function
00H
8FH
Sets safety time to 1.0s. In this example LED1 to LED4 are enabled.
00H
9FH
Enables torch.
00H
FFH
Activates FLASH. EN_FLASH bit and FLASH_SYNC bit are written simultaneously because EN_FLASH
disables torch.
00H
BFH
Disables FLASH. If FLASH is disabled by safety time, FLASH_SYNC bit needs to be written to 0 before
next FLASH.
FLASH DRIVER ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for T
J =25
oC. Limits in boldface type apply over the operating ambient temperature range (-30oC
< T
A < +85
oC). Unless otherwise noted, specifications apply to the LP55271 Block Diagram with: V
IN = 3.6V, CIN =10µF, COUT1
=10µF, C
OUT2 =10µF, CVDDIO = 100 nF, CVREF = 100 nF, CVDDA = 4.7 µF, CVDD1 = 100 nF, CVDD2 = 100 nF, L1 = 4.7 µH, RF
= 1300
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
FLASH
Flash Mode Sink Current
(Note 8)
3.0V
≤ V
IN
≤ 5.5V,
V
FLASH = 1.0V
-7.5
370
+7.5
mA
%
I
TORCH
Torch Mode Sink Current
(Note 8)
3.0V
≤ V
IN
≤ 5.5V
46
mA
I
LEAKAGE
Flash Driver Leakage Current
V
FB = 5.0V
0.1
µA
t
FLASH
Flash Turn-On Time
(Note 11)
20
µs
V
SAT
Saturation Voltage
3.0V
≤ V
IN
≤ 5.5V,
Current Decreased to 95% of
the Maximum Sink Current
550
mV
t
SAFETY
Safety Time Accuracy
-9
+9
%
Note 11: Flash turn-on time is measured from the moment the flash is activated until the flash current crosses 90% of its target value.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com