Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55271 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP55271
Description  Tiny LED Driver for Camera Flash and 4 LEDs with I2C Programmability, Connectivity Test and Audio Synchronization
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP55271 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP55271 Datasheet HTML 3Page - National Semiconductor (TI) LP55271 Datasheet HTML 4Page - National Semiconductor (TI) LP55271 Datasheet HTML 5Page - National Semiconductor (TI) LP55271 Datasheet HTML 6Page - National Semiconductor (TI) LP55271 Datasheet HTML 7Page - National Semiconductor (TI) LP55271 Datasheet HTML 8Page - National Semiconductor (TI) LP55271 Datasheet HTML 9Page - National Semiconductor (TI) LP55271 Datasheet HTML 10Page - National Semiconductor (TI) LP55271 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Magnetic Boost DC/DC Converter
The LP55271 boost DC/DC converter generates a 4.00 –
5.40V output voltage to drive the LEDs from a single Li-Ion
battery (3.0V to 4.5V). The output voltage is controlled with a
4-bit register in 8 steps. The converter is a magnetic switch-
ing PWM mode DC/DC converter with a current limit. The
converter has 2.0 MHz / 1.0 MHz selectable switching fre-
quency operation, when the timing resistor RT is 82 k
Ω.
The LP55271 boost converter uses pulse-skipping elimina-
tion method to stabilize the noise spectrum. Even with light
load or no load a minimum length current pulse is fed to the
inductor. An internal active load is used to remove the ex-
cess charge from the output capacitor when needed.
The topology of the magnetic boost converter is called CPM
control, current programmed mode, where the inductor cur-
rent is measured and controlled with the feedback. The
output voltage control changes the resistor divider in the
feedback loop.
The following figure shows the boost topology with the pro-
tection circuitry. Four different protection schemes are imple-
mented:
1.
Over voltage protection, limits the maximum output volt-
age.
— Keeps the output below breakdown voltage.
— Prevents boost operation if battery voltage is much
higher than desired output.
2.
Over current protection, limits the maximum inductor
current.
— Voltage over switching NMOS is monitored; too high
voltages turn the switch off.
3.
Feedback (FB) protection for no connection.
4.
Duty cycle limiting, done with digital control.
20202477
Boost Converter Topology
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com