Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55271 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP55271
Description  Tiny LED Driver for Camera Flash and 4 LEDs with I2C Programmability, Connectivity Test and Audio Synchronization
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP55271 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LP55271 Datasheet HTML 10Page - National Semiconductor (TI) LP55271 Datasheet HTML 11Page - National Semiconductor (TI) LP55271 Datasheet HTML 12Page - National Semiconductor (TI) LP55271 Datasheet HTML 13Page - National Semiconductor (TI) LP55271 Datasheet HTML 14Page - National Semiconductor (TI) LP55271 Datasheet HTML 15Page - National Semiconductor (TI) LP55271 Datasheet HTML 16Page - National Semiconductor (TI) LP55271 Datasheet HTML 17Page - National Semiconductor (TI) LP55271 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Audio Synchronization (Continued)
Audio Input Threshold Setting
Threshold[3:0]
Threshold Level, mV (typical)
0000
Disabled
0001
0.2
0010
0.4
**
**
1110
2.5
1111
2.7
Typical Gain Values vs. Audio Input Amplitude
Audio Input Amplitude mV
P-P
Gain Value dB
0to10
0
0to20
-6
0to40
-12
1to85
-18
3 to 170
-24
5 to 400
-31
10 to 800
-37
20 to 1600
-46
Input Signal Gain Control
GAIN_SEL[2:0]
Gain dB
000
0
001
-6
010
-12
011
-18
100
-24
101
-31
110
-37
111
-46
Refreshing Frequency
SPEED_CTRL[1:0]
Refreshing Rate Hz
00
FASTEST
01
15
10
7.6
11
3.8
Logic Interface Characteristics
Limits in standard typeface are for T
J =25
oC. Limits in boldface type apply over the operating ambient temperature range
(-30oC < T
A < +85
oC). Unless otherwise noted, specifications apply to the LP55271 Block Diagram with: V
IN = 3.6V, CIN =
10 µF, C
OUT1 = 10 µF, COUT2 = 10 µF, CVDDIO = 100 nF, CVREF = 100 nF, CVDDA = 4.7 µF, CVDD1 = 100 nF, CVDD2 = 100
nF, L
1 = 4.7 µH (Note 9)
Symbol
Parameter
Condition
Min
Typical Max
Unit
Logic Inputs SCL and FLASH_SYNC
V
IL
Input Low Level
V
DD_IO = 1.65V to VDD1,2
0.2xV
DD_IO
V
V
IH
Input High Level
0.8xV
DD_IO
V
I
I
Input Current
-1.0
1.0
µA
f
SCL
SCL Pin Clock Frequency
400
kHz
Logic Input NRST
V
IL
Input Low Level
V
DD_IO = 1.65V to VDD1,2
0.5
V
V
IH
Input High Level
1.2
V
I
I
Input Current
-1.0
1.0
µA
t
NRST
Reset Pulse Width
10
µs
Logic Input/Output SDA
V
OL
Output Low Level
I
OUT =3mA
0.3
0.5
V
I
L
Output leakage current
V
OUT = 2.8V
1.0
µA
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com