Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T256YMT7F Datasheet(PDF) 6 Page - STMicroelectronics

Part # M41T256YMT7F
Description  256Kbit (32K x 8) serial RTC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T256YMT7F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M41T256YMT7F Datasheet HTML 2Page - STMicroelectronics M41T256YMT7F Datasheet HTML 3Page - STMicroelectronics M41T256YMT7F Datasheet HTML 4Page - STMicroelectronics M41T256YMT7F Datasheet HTML 5Page - STMicroelectronics M41T256YMT7F Datasheet HTML 6Page - STMicroelectronics M41T256YMT7F Datasheet HTML 7Page - STMicroelectronics M41T256YMT7F Datasheet HTML 8Page - STMicroelectronics M41T256YMT7F Datasheet HTML 9Page - STMicroelectronics M41T256YMT7F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Summary
M41T256Y
6/30
1
Summary
The M41T256Y Serial TIMEKEEPER® SRAM is a low power 256Kbit static CMOS SRAM
organized as 32K words by 8 bits. A built-in 32.768kHz oscillator (external crystal controlled)
and 8 bytes of the SRAM (see Table 3 on page 18) are used for the clock/calendar function
and are configured in binary coded decimal (BCD) format.
Addresses and data are transferred serially via a two line, bi-directional I2C interface. The
built-in address register is incremented automatically after each WRITE or READ data byte.
The M41T256Y has a built-in power sense circuit which detects power failures and
automatically switches to the battery supply when a power failure occurs. The energy
needed to sustain the SRAM and clock operations can be supplied by a lithium button-cell
supply when a power failure occurs. Functions available to the user include a non-volatile,
time-of-day clock/calendar, and power-on reset. The eight clock address locations contain
the year, month, date, day, hour, minute, second, and tenths/hundredths of seconds in 24-
hour BCD format. Corrections for 28, 29 (leap year - valid until year 2100), 30 and 31 day
months are made automatically. The first clock address location (7FF8h) stores the clock
software calibration settings as well as the write clock bit.
The M41T256Y is supplied in a 44-lead SOIC SNAPHAT® package (MH - which integrates
both crystal and battery in a single SNAPHAT top). The 44-pin, 330mil SOIC provides
sockets with gold-plated contacts at both ends for direct connection to a separate
SNAPHAT housing containing the battery and crystal. The unique design allows the
SNAPHAT battery/crystal package to be mounted on top of the SOIC package after the
completion of the surface-mount process.
Insertion of the SNAPHAT housing after reflow prevents potential battery and crystal
damage due to the high temperatures required for device surface-mounting. The SNAPHAT
housing is also keyed to prevent reverse insertion. The 44-pin SOIC and crystal/battery
packages are shipped separately in plastic, anti-static tubes or in Tape & Reel form. For the
44-lead SOIC, the battery/crystal package (e.g., SNAPHAT) part number is “M4Txx-
BR12SH” (see Table 14 on page 28).
Caution:
Do not place the SNAPHAT battery/crystal top in conductive foam, as this will drain the
lithium, button-cell battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com