Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T256YMT7F Datasheet(PDF) 24 Page - STMicroelectronics

Part # M41T256YMT7F
Description  256Kbit (32K x 8) serial RTC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T256YMT7F Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M41T256YMT7F Datasheet HTML 20Page - STMicroelectronics M41T256YMT7F Datasheet HTML 21Page - STMicroelectronics M41T256YMT7F Datasheet HTML 22Page - STMicroelectronics M41T256YMT7F Datasheet HTML 23Page - STMicroelectronics M41T256YMT7F Datasheet HTML 24Page - STMicroelectronics M41T256YMT7F Datasheet HTML 25Page - STMicroelectronics M41T256YMT7F Datasheet HTML 26Page - STMicroelectronics M41T256YMT7F Datasheet HTML 27Page - STMicroelectronics M41T256YMT7F Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
DC and AC parameters
M41T256Y
24/30
Table 8.
DC characteristics
Table 9.
Crystal electrical characteristics (externally supplied)
Sym
Parameter
Test condition(1)
1.
Valid for ambient operating temperature: TA = –25 to 70°C; VCC = 4.5 to 5.5V (except where noted).
Min
Typ
Max
Unit
IBAT
Battery current OSC ON
TA = 25°C, VCC = 0V, VBAT = 3.0V
1.5
1.9
µA
Battery current OSC OFF
1.0
1.4
µA
ICC1 Supply current
f = 400kHz
1.4
3.0
mA
ICC2 Supply current (standby)
SCL, SDA = VCC – 0.3V
1.0
2.5
mA
ILI
Input leakage current
0V
≤ VIN ≤ VCC
±1
µA
ILO
(2)
2.
Outputs deselected.
Output leakage current
0V
≤ VOUT ≤ VCC
±1
µA
VIH
Input high voltage
0.7VCC
VCC + 0.3
V
VIHB
Input high voltage in battery
back-up for tamper pin
VBAT – Vdiode
VBAT
V
VIL
Input low voltage
–0.3
0.3VCC
V
VBAT Battery voltage
2.5
3.5
V
VOH Output high voltage
VCC + 0.3
V
VOL
Output low voltage
IOL = 3.0mA
0.4
V
Output low voltage (open
drain)(3)
3.
For RST and FT pin (open drain).
IOL = 10mA
0.4
V
VPFD Power fail deselect
4.20
4.50
V
VSO Battery back-up switchover
VBAT
V
RSW
Switch resistance on tamper
pin
500
W
Symbol
Parameter(1)
1.
Load capacitors are integrated within the M41T256Y. Circuit board layout considerations for the 32.768kHz crystal of
minimum trace lengths and isolation from RF generating signals should be taken into account.
Typ
Min
Max
Unit
f0
Resonant frequency
32.768
kHz
RS
Series resistance
35
k
Ω
CL
Load capacitance
12.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com