Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T256YMT7F Datasheet(PDF) 18 Page - STMicroelectronics

Part # M41T256YMT7F
Description  256Kbit (32K x 8) serial RTC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T256YMT7F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M41T256YMT7F Datasheet HTML 14Page - STMicroelectronics M41T256YMT7F Datasheet HTML 15Page - STMicroelectronics M41T256YMT7F Datasheet HTML 16Page - STMicroelectronics M41T256YMT7F Datasheet HTML 17Page - STMicroelectronics M41T256YMT7F Datasheet HTML 18Page - STMicroelectronics M41T256YMT7F Datasheet HTML 19Page - STMicroelectronics M41T256YMT7F Datasheet HTML 20Page - STMicroelectronics M41T256YMT7F Datasheet HTML 21Page - STMicroelectronics M41T256YMT7F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Clock operation
M41T256Y
18/30
Table 3.
TIMEKEEPER® register map
Keys:
S = Sign bit
FT = Frequency test bit
ST = Stop bit
WC = Write clock bit
X = '1' or '0'
BL = Battery low flag (read only bit)
TB = Tamper bit (read only bit)
TEB = Tamper enable bit
0 = Must be set to '0'
SLP = Sleep mode bit
Note:
7FF0h through 7FF6h are invalid addresses and when read will return arbitrary data.
3.4
Power-on reset
The M41T256Y continuously monitors VCC. When VCC falls to the power fail detect trip
point, the RST pulls low (open drain) and remains low on power-up for tREC after VCC
passes VPFD (max). The RST pin is an open drain output and an appropriate pull-up resistor
should be chosen to control rise time.
Address
Data
Function/Range
BCD Format
D7
D6
D5
D4
D3
D2
D1
D0
7FFFh
10 years
Year
Year
00-99
7FFEh
0
0
0
10M
Month
Month
01-12
7FFDh
0
0
10 date
Date: Day of Month
Date
01-31
7FFCh
BL
FT
TEB
TB
0
Day of Week
Tamper/day
0-1/01-07
7FFBh
0
0
10 hours
Hours (24 Hour Format)
Hours
00-23
7FFAh
0
10 minutes
Minutes
Minutes
00-59
7FF9h
ST
10 seconds
Seconds
Seconds
00-59
7FF8h
WC
SLP
S
Calibration
Control
7FF7h
0.1 Seconds
0.01 Seconds
Seconds
00-99
7FF6h
XXXXX
XXX
Reserved
7FF5h
XXXXX
XXX
Reserved
7FF4h
XXXXX
XXX
Reserved
7FF3h
XXXXX
XXX
Reserved
7FF2h
XXXXX
XXX
Reserved
7FF1h
XXXXX
XXX
Reserved
7FF0h
XXXXX
XXX
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com