Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T256YMT7F Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T256YMT7F
Description  256Kbit (32K x 8) serial RTC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T256YMT7F Datasheet(HTML) 1 Page - STMicroelectronics

  M41T256YMT7F Datasheet HTML 1Page - STMicroelectronics M41T256YMT7F Datasheet HTML 2Page - STMicroelectronics M41T256YMT7F Datasheet HTML 3Page - STMicroelectronics M41T256YMT7F Datasheet HTML 4Page - STMicroelectronics M41T256YMT7F Datasheet HTML 5Page - STMicroelectronics M41T256YMT7F Datasheet HTML 6Page - STMicroelectronics M41T256YMT7F Datasheet HTML 7Page - STMicroelectronics M41T256YMT7F Datasheet HTML 8Page - STMicroelectronics M41T256YMT7F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Not For New Design
This is information on a product still in production but not recommended for new designs.
November 2007
Rev 5
1/30
1
M41T256Y
256Kbit (32K x 8) serial RTC
Features
5V operating voltage
Serial interface supports extended I2C bus
addressing (400kHz)
Automatic switchover and deselect circuitry
Power-fail deselect voltages:
–M41T256Y: VCC = 4.5 V to 5.5V;
VPFD = 4.2V < VPFD < 4.5V
Counters for tenths/hundredths of seconds,
seconds, minutes, hours, day, date, month,
and year
Programmable software clock calibration
32,752 bytes of general purpose RAM
Microprocessor power-on reset
Holds microprocessor in reset until supply
voltage reaches stable operating level
Automatic address-incrementing
Tamper indication circuit with time-stamp
Sleep mode function
Available in ST’s 44-lead SNAPHAT® SOIC -
mates with ST’s removable/replaceable
SNAPHAT® battery/crystal top (ordered
separately)
RoHS compliant
– Lead-free second level interconnect
44
1
SOH44 (MH)
SNAPHAT (SH)
crystal/battery
www.st.com


Similar Part No. - M41T256YMT7F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T256YMT7F STMICROELECTRONICS-M41T256YMT7F Datasheet
522Kb / 27P
256 Kbit 32K x8 SERIAL RTC
Jun-2004
More results

Similar Description - M41T256YMT7F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T256Y STMICROELECTRONICS-M41T256Y Datasheet
522Kb / 27P
256 Kbit 32K x8 SERIAL RTC
Jun-2004
logo
ATMEL Corporation
AT24C32A ATMEL-AT24C32A Datasheet
216Kb / 20P
2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
logo
Hanbit Electronics Co.,...
HMN328D HANBIT-HMN328D Datasheet
157Kb / 9P
Non-Volatile SRAM MODULE 256Kbit (32K x 8-Bit),28Pin DIP, 5V
logo
ATMEL Corporation
AT24C32A ATMEL-AT24C32A_07 Datasheet
687Kb / 22P
Two-wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
logo
STMicroelectronics
M48T35AV STMICROELECTRONICS-M48T35AV_07 Datasheet
250Kb / 28P
3.3V, 256Kbit (32Kbit x 8) TIMEKEEPER짰 SRAM
21-Nov-2007
M48Z32V STMICROELECTRONICS-M48Z32V_07 Datasheet
181Kb / 19P
3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
02-Nov-2007
M48Z35 STMICROELECTRONICS-M48Z35_07 Datasheet
218Kb / 23P
256Kbit (32Kbit x 8) ZEROPOWER SRAM
02-Nov-2007
logo
ATMEL Corporation
AT24C32C ATMEL-AT24C32C_08 Datasheet
812Kb / 28P
2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT25320B ATMEL-AT25320B Datasheet
683Kb / 23P
SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
logo
DLG Hanbit co.,Ltd.
HMN328D DLGHANBIT-HMN328D Datasheet
476Kb / 7P
Non-Volatile SRAM MODULE 256Kbit (32K x 8-Bit),28Pin DIP, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com