Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4541C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4541C/D
Description  Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4541C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4541C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Power-Supply Sequencing
and Overvoltage Protection
Do not exceed the absolute maximum ratings because
stresses beyond the listed ratings may cause perma-
nent damage to the devices.
Proper power-supply sequencing is recommended for
all CMOS devices. Always apply V+ before applying
analog signals or logic inputs, especially if the analog
or logic signals are not current limited. If this sequenc-
ing is not possible, and if the analog or logic inputs are
not current limited to < 10mA, add a small-signal diode
(D1) as shown in Figure 1. If the analog signal can dip
below GND, add D2. Adding protection diodes
reduces the analog signal range to a diode drop (about
0.7V) below V+ (for D1), and to a diode drop above
ground (for D2). Leakage is unaffected by adding the
diodes. On-resistance increases by a small amount at
low supply voltages. Maximum supply voltage (V+)
must not exceed 13V.
Adding protection diodes causes the logic thresholds
to be shifted relative to the power-supply rails. This can
be significant when low supply voltages (+5V or less)
are used. With a +5V supply, TTL compatibility is not
guaranteed when protection diodes are added. Driving
IN1 and IN2 all the way to the supply rails (i.e., to a
diode drop higher than the V+ pin, or to a diode drop
lower than the GND pin) is always acceptable.
Protection diodes D1 and D2 also protect against
some overvoltage situations. With Figure 1’s circuit, if
the supply voltage is below the absolute maximum rat-
ing, and if a fault voltage up to the absolute maximum
rating is applied to an analog signal pin, no damage
will result.
Low-Voltage, Single-Supply
Dual SPST/SPDT Analog Switches
_______________________________________________________________________________________
7
tr < 20ns
tf < 20ns
50%
0
LOGIC
INPUT
RL
1k
Ω
COM
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VCOM
(
RL
)
RL + RON
SWITCH
INPUT
IN
+3V
tOFF
0
NO
or NC
SWITCH
OUTPUT
0.9 x V0UT
0.9 x VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
V+
CL
35pF
V+
VOUT
0V
MAX4541
MAX4542
MAX4543
MAX4544
Figure 2. Switching Time
Test Circuits/Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com