Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4541C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4541C/D
Description  Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4541C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4541C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Low-Voltage, Single-Supply
Dual SPST/SPDT Analog Switches
2
_______________________________________________________________________________________
Voltage Referenced to GND
V+ .........................................................................-0.3V to +13V
IN_, COM_, NC_, NO_ (Note 1)..................-0.3V to (V+ + 0.3V)
Continuous Current (any terminal)....................................±10mA
Peak Current, COM_, NO_, NC_
(pulsed at 1ms, 10% duty cycle max) ............................±20mA
ESD per Method 3015.7 .................................................> 2000V
Continuous Power Dissipation
SOT23-6 (derate 7.1mW/°C above +70°C)....................571mW
SOT23-8 (derate 5.3mW/°C above +70°C)....................421mW
TDFN (derate 24.4mW/°C above +70°C).....................1951mW
µMAX (derate 4.10mW/°C above +70°C) ......................330mW
Narrow SO (derate 5.88mW/°C above +70°C) ..............471mW
Plastic DIP (derate 9.09mW/°C above +70°C) ..............727mW
Operating Temperature Ranges
MAX454_C_ _ .......................................................0°C to +70°C
MAX454_E_ _.....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +5V ±10%, GND = 0, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.) (Notes 2, 3)
Note 1: Signals on NC_, NO_, COM_, or IN_ exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to maximum
current rating.
COM_ On-Leakage Current
(Note 7)
ICOM(ON)
V+ = 5.5V;
VCOM_ = 1V, 4.5V or
VNO_ or VNC_ = 1V,
4.5V, or floating
nA
COM_ Off-Leakage Current
(Note 7)
ICOM(OFF)
V+ = 5.5V;
VCOM_ = 4.5V, 1V;
VNO_ or VNC_ = 1V, 4.5V
nA
NO_ or NC_ Off-Leakage
Current (Note 7)
INO(OFF)
or
INC(OFF)
V+ = 5.5V;
VCOM_ = 1V, 4.5V;
VNO_ or VNC_ = 4.5V, 1V
nA
-10
+10
C, E
C, E
C, E
TA = TMIN
to TMAX
TA = TMIN
to TMAX
TA = TMIN
to TMAX
-5
+5
8
4
75
-5
+5
-0.2
+0.2
-0.1
+0.1
-0.1
±0.01
+0.1
V+ = 5V;
ICOM_ = 1.0mA; VNO_ or
VNC_ = 1V, 2V, 3V
Ω
26
RFLAT(ON)
On-Resistance Flatness
(Note 6)
V+ = 5V,
ICOM_ = 1.0mA,
VNO_ or VNC_ = 3.5V
Ω
0.8
2
ΔRON
On-Resistance Match
Between Channels (Note 5)
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
V+ = 4.5V,
ICOM_ = 1.0mA,
VNO_ or VNC_ = 3.5V
Ω
30
60
RON
On-Resistance
(Note 4)
CONDITIONS
V
0V+
VCOM_,
VNO_,
VNC_
Analog Signal Range
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ANALOG SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com