Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4541C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4541C/D
Description  Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4541C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4541C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Low-Voltage, Single-Supply
Dual SPST/SPDT Analog Switches
_______________________________________________________________________________________
5
0
10
20
30
40
50
60
70
80
02468
10
12
ON-RESISTANCE vs. COM_ VOLTAGE
VCOM_ (V)
A: V+ = +3V
B: V+ = +5V
C: V+ = +12V
A
B
C
0
10
20
30
40
50
60
0
1
234
5
ON-RESISTANCE vs.
COM VOLTAGE OVER TEMPERATURE
VCOM (V)
A: TA = +125°C
B: TA = +85°C
C: TA = +25°C
D: TA = -40°C
E: TA = -55°C
A
B
C
D
E
0
20
40
60
80
100
120
140
160
180
200
02468
10
12
TURN-ON/OFF TIMES vs.
SUPPLY VOLTAGE
VSUPPLY (V)
tON
tOFF
V+ = +5V
0
tON
tOFF
10
20
30
40
50
60
70
80
90
100
TURN-ON/OFF TIMES
vs. TEMPERATURE
TEMPERATURE (°C)
-55 -35 -15
5
25
45
65
85 105 125
V+ = +5V
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.1
1
10
100
FREQUENCY RESPONSE
MAX4541-07
FREQUENCY (MHz)
-225
-180
-135
-90
-45
0
45
90
135
180
225
ON-LOSS
ON-PHASE
OFF-LOSS
50
Ω IN AND OUT
V+ = +5V
0.001
0.01
0.1
1
10
100
ON/OFF-LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
-55
-30
-5
20
45
70
95
120 125
ICOM(ON)
V+ = +5.5V
ICOM/IN(OFF)
0
1
2
3
4
5
6
7
8
0
1
2
345
CHARGE INJECTION vs. COM_ VOLTAGE
VCOM_ (V)
V- = +5V
0
100
200
300
400
500
600
700
800
900
1000
INPUT VOLTAGE vs. SUPPLY CURRENT
VIN (V)
0
1
2
345
IV+
10
0.1
1
100
1k
10k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com