Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4541C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4541C/D
Description  Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4541C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4541C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4541C/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Low-Voltage, Single-Supply
Dual SPST/SPDT Analog Switches
8
_______________________________________________________________________________________
VGEN
GND
COM
CL
VOUT
V+
VOUT
IN
OFF
ON
OFF
ΔVOUT
Q = (
ΔVOUT)(CL)
NC
OR NO
IN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
OFF
ON
OFF
IN
VIN = +3V
V+
RGEN
IN_
MAX4541
MAX4542
MAX4543
MAX4544
Figure 4. Charge Injection
50%
0.9 x V0UT1
+3V
0
0
LOGIC
INPUT
SWITCH
OUTPUT 2
(VOUT2)
0
0.9 x VOUT2
tD
tD
LOGIC
INPUT
RL2
300
Ω
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
NC2
IN2
IN1
NO1
VOUT2
V+
V+
CL2
35pF
+3V
RL1
300
Ω
VOUT1
CL1
35pF
COM1
COM2
SWITCH
OUTPUT 1
(VOUT1)
MAX4543
50%
+3V
0
LOGIC
INPUT
SWITCH
OUTPUT
(VOUT)
0.9 x VOUT
tD
LOGIC
INPUT
RL
300
Ω
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
NO
IN
NC
VOUT
V+
V+
CL
35pF
+3V
COM
MAX4544
Figure 3a. Break-Before-Make Interval (MAX4543 Only)
Figure 3b. Break-Before-Make Interval (MAX4544 Only)
_________________________________Test Circuits/Timing Diagrams (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com