Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564IAPWR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8564IAPWR
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8564IAPWR Datasheet(HTML) 29 Page - Texas Instruments

Back Button DAC8564IAPWR Datasheet HTML 25Page - Texas Instruments DAC8564IAPWR Datasheet HTML 26Page - Texas Instruments DAC8564IAPWR Datasheet HTML 27Page - Texas Instruments DAC8564IAPWR Datasheet HTML 28Page - Texas Instruments DAC8564IAPWR Datasheet HTML 29Page - Texas Instruments DAC8564IAPWR Datasheet HTML 30Page - Texas Instruments DAC8564IAPWR Datasheet HTML 31Page - Texas Instruments DAC8564IAPWR Datasheet HTML 32Page - Texas Instruments DAC8564IAPWR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
www.ti.com
SYNC INTERRUPT
LDAC FUNCTIONALITY
POWER-ON RESET TO ZERO-SCALE
CLK
SYNC
D
IN
ValidWriteSequence:
Output/ModeUpdates onthe24thFallingEdge
24thFallingEdge
24thFallingEdge
DB23
DB0
DB23
DB0
Invalid/InterruptedWriteSequence:
Output/ModeDoesNotUpdate onthe24thFallingEdge
DAC8564
SBAS403A – JUNE 2007 – REVISED NOVEMBER 2007
In a normal write sequence, the SYNC line stays low
The DAC8564 offers both a software and hardware
for at least 24 falling edges of SCLK and the
simultaneous
update
function.
The
DAC
addressed DAC register updates on the 24th falling
double-buffered architecture has been designed so
edge. However, if SYNC is brought high before the
that new data can be entered for each DAC without
24th falling edge, it acts as an interrupt to the write
disturbing the analog outputs.
sequence; the shift register resets and the write
DAC8564 data updates are synchronized with the
sequence is discarded. Neither an update of the data
falling edge of the 24th SCLK cycle, which follows a
buffer contents, DAC register contents, nor a change
falling edge of SYNC. For such synchronous updates,
in
the
operating
mode
occurs
(as
shown
in
the LDAC pin is not required and it must be
Figure 95).
connected to GND permanently. The LDAC pin is
used as a positive edge triggered timing signal for
asynchronous
DAC
updates.
To
do
an
LDAC
operation, single-channel store(s) should be done
The DAC8564 contains a power-on reset circuit that
(loading DAC buffers) by setting LD0 and LD1 to '0'.
controls the output voltage during power-up. On
Multiple single-channel updates can be done in order
power-up, the DAC registers are filled with zeros and
to set different channel buffers to desired values and
the output voltages are set to zero-scale; they remain
then make a rising edge on LDAC. Data buffers of all
that way until a valid write sequence and load
channels must be loaded with desired data before an
command are made to the respective DAC channel.
LDAC
rising
edge.
After
a
low-to-high
LDAC
The power-on reset is useful in applications where it
transition, all DACs are simultaneously updated with
is important to know the state of the output of each
the contents of the corresponding data buffers. If the
DAC while the device is in the process of powering
contents of a data buffer are not changed by the
up. No device pin should be brought high before
serial
interface,
the
corresponding
DAC
output
power is applied to the device. The internal reference
remains unchanged after the LDAC trigger.
is powered on by default and remains that way until a
valid reference-change command is executed.
Figure 95. SYNC Interrupt Facility
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): DAC8564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com