Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564IAPWR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8564IAPWR
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8564IAPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC8564IAPWR Datasheet HTML 10Page - Texas Instruments DAC8564IAPWR Datasheet HTML 11Page - Texas Instruments DAC8564IAPWR Datasheet HTML 12Page - Texas Instruments DAC8564IAPWR Datasheet HTML 13Page - Texas Instruments DAC8564IAPWR Datasheet HTML 14Page - Texas Instruments DAC8564IAPWR Datasheet HTML 15Page - Texas Instruments DAC8564IAPWR Datasheet HTML 16Page - Texas Instruments DAC8564IAPWR Datasheet HTML 17Page - Texas Instruments DAC8564IAPWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
www.ti.com
-40
-60
-70
-100
5
1
2
3
0
f
(kHz)
OUT
-80
4
THD
3rdHarmonic
2ndHarmonic
-50
V
=5V,ExternalV
=4.9V,ChA
1dBFSRDigitalInput,f =225kSPS
MeasurementBandwidth=20kHz
DD
REF
S
-
-90
60
40
20
0
V
=5.5V
DD
InternalV
Included
REF
50
30
10
950
1000
1050
1100
1150
1200
Power-SupplyCurrent( A)
m
-40
-60
-70
-100
5
1
2
3
0
f
(kHz)
OUT
-80
4
THD
3rdHarmonic
2ndHarmonic
-50
V
=5V,ExternalV
=4.9V,ChB
1dBFSRDigitalInput,f =225kSPS
MeasurementBandwidth=20kHz
DD
REF
S
-
-90
-40
-60
-70
-100
5
1
2
3
0
f
(kHz)
OUT
-80
4
THD
3rdHarmonic
2ndHarmonic
-50
V
=5V,ExternalV
=4.9V,ChC
1dBFSRDigitalInput,f =225kSPS
MeasurementBandwidth=20kHz
DD
REF
S
-
-90
-40
-60
-70
-110
5
1
2
3
0
f
(kHz)
OUT
-80
4
THD
3rdHarmonic
2ndHarmonic
-50
V
=5V,ExternalV
=4.9V,ChD
1dBFSRDigitalInput,f =225kSPS
MeasurementBandwidth=20kHz
DD
REF
S
-
-90
-100
DAC8564
SBAS403A – JUNE 2007 – REVISED NOVEMBER 2007
TYPICAL CHARACTERISTICS: DAC at VDD = 5V (continued)
At TA = +25°C, external reference used, DAC output not loaded, and all DAC codes in straight binary data format, unless
otherwise noted.
POWER-SUPPLY CURRENT
TOTAL HARMONIC DISTORTION
HISTOGRAM
vs OUTPUT FREQUENCY
Figure 37.
Figure 38.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs OUTPUT FREQUENCY
vs OUTPUT FREQUENCY
Figure 39.
Figure 40.
TOTAL HARMONIC DISTORTION
vs OUTPUT FREQUENCY
Figure 41.
14
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): DAC8564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com