Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564IAPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8564IAPWR
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8564IAPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC8564IAPWR Datasheet HTML 9Page - Texas Instruments DAC8564IAPWR Datasheet HTML 10Page - Texas Instruments DAC8564IAPWR Datasheet HTML 11Page - Texas Instruments DAC8564IAPWR Datasheet HTML 12Page - Texas Instruments DAC8564IAPWR Datasheet HTML 13Page - Texas Instruments DAC8564IAPWR Datasheet HTML 14Page - Texas Instruments DAC8564IAPWR Datasheet HTML 15Page - Texas Instruments DAC8564IAPWR Datasheet HTML 16Page - Texas Instruments DAC8564IAPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
www.ti.com
1300
1200
1100
1000
800
65536
8192 16384 24576 32768 40960 49152 57344
0
DigitalInputCode
V
=5.5V
DD
InternalV
Included
REF
900
1400
1200
800
105
0
40
80
-
40
Temperature( C)
°
V
=5.5V
InternalV
Included
DACLoadedwith8000h
DD
REF
1000
-
20
20
60
1300
1100
900
1100
1090
1080
1050
5.5
3.1
3.5
3.9
2.7
AV
(V)
DD
V
=2.7Vto5.5V
DD
InternalV
Included
DACLoadedwith8000h
REF
1070
4.3
4.7
5.1
1060
1.2
1.0
0.2
5.5
3.1
3.5
3.9
4.3
2.7
V
(V)
DD
0.8
V
=2.7Vto5.5V
DD
REF
InternalV
Included
0.6
4.7
5.1
0.4
2
0
105
0
40
80
-40
Temperature( C)
°
V
=5.5V
DD
1
-20
20
60
3200
2400
800
5
1
2
3
4
0
V
(V)
LOGIC
Sweepfrom
0Vto5.5V
1600
Sweepfrom
5.5Vto0V
V
=IOV
=5.5V,InternalV
Included
Input(allotherdigitalinputs=GND)
DD
REF
DD
SYNC
2800
2000
1200
DAC8564
SBAS403A – JUNE 2007 – REVISED NOVEMBER 2007
TYPICAL CHARACTERISTICS: DAC at VDD = 5V (continued)
At TA = +25°C, external reference used, DAC output not loaded, and all DAC codes in straight binary data format, unless
otherwise noted.
POWER-SUPPLY CURRENT
POWER-SUPPLY CURRENT
vs DIGITAL INPUT CODE
vs TEMPERATURE
Figure 31.
Figure 32.
POWER-SUPPLY CURRENT
POWER-DOWN CURRENT
vs POWER-SUPPLY VOLTAGE
vs POWER-SUPPLY VOLTAGE
Figure 33.
Figure 34.
POWER-DOWN CURRENT
POWER-SUPPLY CURRENT
vs TEMPERATURE
vs LOGIC INPUT VOLTAGE
Figure 35.
Figure 36.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): DAC8564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com