Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564IAPWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8564IAPWR
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8564IAPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC8564IAPWR Datasheet HTML 8Page - Texas Instruments DAC8564IAPWR Datasheet HTML 9Page - Texas Instruments DAC8564IAPWR Datasheet HTML 10Page - Texas Instruments DAC8564IAPWR Datasheet HTML 11Page - Texas Instruments DAC8564IAPWR Datasheet HTML 12Page - Texas Instruments DAC8564IAPWR Datasheet HTML 13Page - Texas Instruments DAC8564IAPWR Datasheet HTML 14Page - Texas Instruments DAC8564IAPWR Datasheet HTML 15Page - Texas Instruments DAC8564IAPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
www.ti.com
4
3
-1
105
0
40
80
-40
Temperature( C)
°
0
1
2
-20
20
60
ChA
ChD
ChC
ChB
V
=5.0V
DD
InternalV
Enabled
REF
0.50
0.25
0
-0.25
105
0
40
80
-40
Temperature( C)
°
V
=5.0V
DD
InternalV
Enabled
REF
ChA
ChD
ChC
ChB
-20
20
60
5.5
4.5
3.5
2.5
-0.5
20
5
10
15
0
I
(mA)
SOURCE/SINK
V
=5V,ChA
DD
InternalReferenceEnabled
1.5
0.5
DACLoadedwithFFFFh
DACLoadedwith0000h
5.5
4.5
3.5
2.5
-0.5
20
5
10
15
0
I
(mA)
SOURCE/SINK
V
=5V,ChB
DD
InternalReferenceEnabled
1.5
0.5
DACLoadedwithFFFFh
DACLoadedwith0000h
5.5
4.5
3.5
2.5
-0.5
20
5
10
15
0
I
(mA)
SOURCE/SINK
V
=5V,ChC
DD
InternalReferenceEnabled
1.5
0.5
DACLoadedwithFFFFh
DACLoadedwith0000h
5.5
4.5
3.5
2.5
-0.5
20
5
10
15
0
I
(mA)
SOURCE/SINK
V
=5V,ChD
DD
InternalReferenceEnabled
1.5
0.5
DACLoadedwithFFFFh
DACLoadedwith0000h
DAC8564
SBAS403A – JUNE 2007 – REVISED NOVEMBER 2007
TYPICAL CHARACTERISTICS: DAC at VDD = 5V (continued)
At TA = +25°C, external reference used, DAC output not loaded, and all DAC codes in straight binary data format, unless
otherwise noted.
OFFSET ERROR
FULL-SCALE ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 25.
Figure 26.
SOURCE AND SINK
SOURCE AND SINK
CURRENT CAPABILITY
CURRENT CAPABILITY
Figure 27.
Figure 28.
SOURCE AND SINK
SOURCE AND SINK
CURRENT CAPABILITY
CURRENT CAPABILITY
Figure 29.
Figure 30.
12
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): DAC8564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com