Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564IBPWR Datasheet(PDF) 30 Page - Texas Instruments

Part # DAC8564IBPWR
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8564IBPWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button DAC8564IBPWR Datasheet HTML 26Page - Texas Instruments DAC8564IBPWR Datasheet HTML 27Page - Texas Instruments DAC8564IBPWR Datasheet HTML 28Page - Texas Instruments DAC8564IBPWR Datasheet HTML 29Page - Texas Instruments DAC8564IBPWR Datasheet HTML 30Page - Texas Instruments DAC8564IBPWR Datasheet HTML 31Page - Texas Instruments DAC8564IBPWR Datasheet HTML 32Page - Texas Instruments DAC8564IBPWR Datasheet HTML 33Page - Texas Instruments DAC8564IBPWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
www.ti.com
ENABLE PIN
POWER-DOWN MODES
DAC Power-Down Commands
V
X
OUT
Amplifier
Resistor
String
DAC
Power-Down
Circuitry
Resistor
Network
DAC8564
SBAS403A – JUNE 2007 – REVISED NOVEMBER 2007
at 5.5V with an input code = 32768. The reference
current is included with the operation of all four
For normal operation, the enable pin must be driven
DACs. However, for the three power-down modes,
to a logic low. If the enable pin is driven high, the
the supply current falls to 1.3
µA at 5.5V (0.5µA at
DAC8564 stops listening to the serial port. However,
3.6V). Not only does the supply current fall, but the
SCLK, SYNC, and DIN must not be kept floating, but
output stage is also internally switched from the
must be at some logic level. This feature can be
output of the amplifier to a resistor network of known
useful for applications that share the same serial port.
values.
The advantage of this switching is that the output
impedance of the device is known while it is in
The DAC8564 has two separate sets of power-down
power-down mode. As described in Table 6, there are
commands. One set is for the DAC channels and the
three different power-down options. VOUT can be
other set is for the internal reference. For more
connected internally to GND through a 1k
Ω resistor, a
information on powering down the reference, see the
100k
Ω resistor, or open circuited (High-Z). The output
Enable/Disable Internal Reference section.
stage is shown in Figure 96. In other words, DB16,
DB15, and DB14 = '111' represent a power-down
condition with Hi-Z output impedance for a selected
channel. '101' represents a power-down condition
The DAC8564 uses four modes of operation. These
with 1k
Ω output impedance, and '110' represents a
modes are accessed by setting three bits (PD2, PD1,
power-down condition with 100k
Ω output impedance.
and PD0) in the shift register. Table 6 shows how to
control the operating mode with data bits PD0
(DB16), PD1 (DB15), and PD2 (DB14).
Table 6. DAC Operating Modes
PD0
PD1
PD2
(DB16)
(DB15)
(DB14)
DAC OPERATING MODES
0
X
X
Normal operation
1
0
1
Output typically 1k
Ω to GND
1
1
0
Output typically 100 k
Ω to GND
1
1
1
Output high-impedance
The DAC8564 treats the power-down condition as
Figure 96. Output Stage During Power-Down
data; all the operational modes are still valid for
power-down. It is possible to broadcast a power-down
All analog channel circuitries are shut down when the
condition to all the DAC8564s in a system; it is also
power-down
mode
is
exercised.
However,
the
possible to simultaneously power-down a channel
contents of the DAC register are unaffected when in
while updating data on other channels.
power down. The time required to exit power-down is
When the PD0 bit is set to '0', the device works
typically 2.5
µs for V
DD = 5V, and 5µs for VDD = 3V.
normally with its typical current consumption of 1mA
See the Typical Characteristics for more information.
30
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): DAC8564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com