Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564IBPWR Datasheet(PDF) 18 Page - Texas Instruments

Part # DAC8564IBPWR
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8564IBPWR Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC8564IBPWR Datasheet HTML 14Page - Texas Instruments DAC8564IBPWR Datasheet HTML 15Page - Texas Instruments DAC8564IBPWR Datasheet HTML 16Page - Texas Instruments DAC8564IBPWR Datasheet HTML 17Page - Texas Instruments DAC8564IBPWR Datasheet HTML 18Page - Texas Instruments DAC8564IBPWR Datasheet HTML 19Page - Texas Instruments DAC8564IBPWR Datasheet HTML 20Page - Texas Instruments DAC8564IBPWR Datasheet HTML 21Page - Texas Instruments DAC8564IBPWR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
www.ti.com
TYPICAL CHARACTERISTICS: DAC at VDD = 3.6V
2400
2000
800
4.0
0.5
1.0
1.5
2.0
0
V
(V)
LOGIC
Sweepfrom0Vto3.6V
1600
Sweepfrom
3.6Vto0V
V
=IOV
=3.6V,InternalV
Included
Input(allotherdigitalinputs=GND)
DD
REF
DD
SYNC
1200
2.5
3.5
3.0
1400
1200
800
105
0
40
80
-
40
Temperature( C)
°
V
=2.7V
InternalV
Included
DACLoadedwith8000h
DD
REF
1000
-
20
20
60
80
60
40
0
20
V
=3.6V
DD
InternalV
Included
REF
900
950
1000
1050
1100
1150
1200
Power-SupplyCurrent( A)
m
DAC8564
SBAS403A – JUNE 2007 – REVISED NOVEMBER 2007
At TA = +25°C, internal reference used, and DAC output not loaded, all DAC codes in straight binary data format, unless
otherwise noted
POWER-SUPPLY CURRENT
POWER-SUPPLY CURRENT
vs LOGIC INPUT VOLTAGE
vs TEMPERATURE
Figure 57.
Figure 58.
POWER-SUPPLY CURRENT
HISTOGRAM
Figure 59.
18
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): DAC8564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com