Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564IBPWR Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC8564IBPWR
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8564IBPWR Datasheet(HTML) 5 Page - Texas Instruments

  DAC8564IBPWR Datasheet HTML 1Page - Texas Instruments DAC8564IBPWR Datasheet HTML 2Page - Texas Instruments DAC8564IBPWR Datasheet HTML 3Page - Texas Instruments DAC8564IBPWR Datasheet HTML 4Page - Texas Instruments DAC8564IBPWR Datasheet HTML 5Page - Texas Instruments DAC8564IBPWR Datasheet HTML 6Page - Texas Instruments DAC8564IBPWR Datasheet HTML 7Page - Texas Instruments DAC8564IBPWR Datasheet HTML 8Page - Texas Instruments DAC8564IBPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
www.ti.com
PIN CONFIGURATIONS
V
A
OUT
LDAC
ENABLE
A1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DAC8564
V
B
OUT
V
H/V
OUT
REF
REF
AV
DD
V
L
REF
GND
V
C
OUT
V
D
OUT
A0
IOV
DD
D
IN
SCLK
SYNC
DAC8564
SBAS403A – JUNE 2007 – REVISED NOVEMBER 2007
PW PACKAGE
TSSOP-16
(Top View)
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
VOUTA
Analog output voltage from DAC A
2
VOUTB
Analog output voltage from DAC B
VREFH/
3
Positive reference input / reference output 2.5V if internal reference used
VREFOUT
4
AVDD
Power supply input, 2.7V to 5.5V
5
VREFL
Negative reference input
6
GND
Ground reference point for all circuitry on the part
7
VOUTC
Analog output voltage DAC C
8
VOUTD
Analog output voltage DAC D
Level-triggered control input (active low). This is the frame synchronization signal for the input data. When SYNC goes
low, it enables the input shift register, and data are sampled on subsequent falling clock edges. The DAC output
9
SYNC
updates following the 24th clock. If SYNC is taken high before the 24th clock edge, the rising edge of SYNC acts as
an interrupt, and the write sequence is ignored by the DAC8564. Schmitt-Trigger logic Input.
10
SCLK
Serial clock input. Data can be transferred at rates up to 50MHz. Schmitt-Trigger logic Input.
Serial data input. Data are clocked into the 24-bit input shift register on each falling edge of the serial clock input.
11
DIN
Schmitt-Trigger logic Input.
12
IOVDD
Digital input-output power supply
13
A0
Address 0—sets device address; see Table 5.
14
A1
Address 1—sets device address; see Table 5.
15
ENABLE
Active low, ENABLE low connects the SPI interface to the serial port
16
LDAC
Load DACs; rising edge triggered, loads all DAC registers
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC8564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com