Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564IBPWR Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC8564IBPWR
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8564IBPWR Datasheet(HTML) 1 Page - Texas Instruments

  DAC8564IBPWR Datasheet HTML 1Page - Texas Instruments DAC8564IBPWR Datasheet HTML 2Page - Texas Instruments DAC8564IBPWR Datasheet HTML 3Page - Texas Instruments DAC8564IBPWR Datasheet HTML 4Page - Texas Instruments DAC8564IBPWR Datasheet HTML 5Page - Texas Instruments DAC8564IBPWR Datasheet HTML 6Page - Texas Instruments DAC8564IBPWR Datasheet HTML 7Page - Texas Instruments DAC8564IBPWR Datasheet HTML 8Page - Texas Instruments DAC8564IBPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
DAC8564
BurrBrown Products
from Texas Instruments
1
FEATURES
DESCRIPTION
APPLICATIONS
24-BitShiftRegister
SYNC
SCLK
D
IN
DataBufferA
DACRegisterA
DataBufferB
DACRegisterB
DataBufferC
DACRegisterC
DataBufferD
DACRegisterD
AV
DD
V
REF
Buffer
Control
Register
Control
ControlLogic
2.5V
Reference
Power-Down
ControlLogic
16-BitDAC
16-BitDAC
16-BitDAC
16-BitDAC
V
A
OUT
V
B
OUT
V
C
OUT
V
D
OUT
GND
LDAC
ENABLE
A1
A0
DAC8564
DAC8564
SBAS403A – JUNE 2007 – REVISED NOVEMBER 2007
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/
°C Internal Reference
234
• Relative Accuracy: 4LSB
The
DAC8564
is
a
low-power,
voltage-output,
four-channel, 16-bit digital-to-analog converter (DAC).
• Glitch Energy: 0.15nV-s
The
device
includes
a
2.5V,
2ppm/
°C internal
• Internal Reference:
reference (enabled by default), giving a full-scale
2.5V Reference Voltage (enabled by default)
output voltage range of 2.5V. The internal reference
0.02% Initial Accuracy
has an initial accuracy of 0.02% and can source up to
20mA at the VREFH/VREFOUT pin. The device is
2ppm/
°C Temperature Drift (typ)
monotonic,
provides
very
good
linearity,
and
5ppm/
°C Temperature Drift (max)
minimizes undesired code-to-code transient voltages
20mA Sink/Source Capability
(glitch). The DAC8564 uses a versatile 3-wire serial
interface that operates at clock rates up to 50MHz.
• Power-On Reset to Zero-Scale
The interface is compatible with standard SPI™,
• Ultra-Low Power Operation: 1mA at 5V
QSPI™, Microwire™, and digital signal processor
• Wide Power Supply Range: +2.7V to +5.5V
(DSP) interfaces.
• 16-Bit Monotonic Over Temperature Range
The DAC8564 incorporates a power-on-reset circuit
• Settling Time: 10µs to ±0.003% Full-Scale
that ensures the DAC output powers up at zero-scale
and remains there until a valid code is written to the
Range (FSR)
device. The device contains a power-down feature,
• Low-Power Serial Interface with
accessed over the serial interface, that reduces the
Schmitt-Triggered Inputs
current consumption of the device to 1.3
µA at 5V.
• On-Chip Output Buffer Amplifier with
The low-power consumption, internal reference, and
Rail-to-Rail Operation
small footprint make this device ideal for portable,
battery-operated equipment. The power consumption
• Drop-In and Functionally Compatible with
is 2.9mW at 3V, reducing to 1.5
µW in power-down
DAC8534 and DAC8554
mode.
• Pin-Compatible with DAC8555 and DAC8565
The DAC8564 is drop-in and functionally compatible
• 1.8V to 5.5V Logic Compatibility
with the DAC8534 and DAC8554, and pin-compatible
• Temperature Range: –40°C to +105°C
with DAC8555 and DAC8565. The DAC8564 is
available in a TSSOP-16 package.
• Portable Instrumentation
• Closed-Loop Servo-Control
• Process Control
• Data Acquisition Systems
• Programmable Attenuation
• PC Peripherals
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI, QSPI are trademarks of Motorola, Inc.
3
Microwire is a trademark of National Semiconductor.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC8564IBPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8564IBPW TI1-DAC8564IBPW Datasheet
1Mb / 51P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
More results

Similar Description - DAC8564IBPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8560 BURR-BROWN-DAC8560 Datasheet
995Kb / 29P
16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
logo
Texas Instruments
DAC8565 TI-DAC8565 Datasheet
1Mb / 46P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7564 TI-DAC7564 Datasheet
1Mb / 46P
12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7565 TI-DAC7565 Datasheet
1Mb / 46P
12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8164 TI-DAC8164 Datasheet
1Mb / 47P
14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568_10 Datasheet
2Mb / 58P
12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568_101 TI-DAC7568_101 Datasheet
2Mb / 60P
12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC8560 TI-DAC8560_15 Datasheet
1Mb / 33P
16-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564_15 Datasheet
1Mb / 51P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com