Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5018ALB Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5018ALB
Description  2.5V 3rd Overtone Crystal Oscillator Module ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5018ALB Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5018ALB Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5018ALB Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5018ALB Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5018ALB Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5018ALB Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5018ALB Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5018ALB Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5018ALB Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CF5018 series
SEIKO NPC CORPORATION —1
2.5V 3rd Overtone Crystal Oscillator Module ICs
OVERVIEW
The CF5018 series are crystal oscillator ICs that operate from 2.5V. Devices are available that provide 3rd
overtone oscillation in the range 30MHz to 80MHz. They are optimized for 2.5V operation, resulting in stable
oscillator startup characteristics and output duty stability. They feature a large reduction in chip surface area
compared to existing devices, making possible the construction of small-sized crystal oscillator.
FEATURES
I
2.25 to 2.75V operating supply voltage range
I
30MHz to 80MHz oscillation frequency range
(varies with version)
I
– 40 to 85
°C operating temperature range
I
Oscillation capacitors CG, CD built-in
I
Inverter amplifier feedback resistor built-in
I
Standby function
• High impedance in standby mode, oscillator stops
I
Low standby current
• Power-saving pull-up resistor built-in
I
fO output frequency (oscillation frequency)
I
8mA output drive capability (VDD = 2.25V)
I
CMOS output duty level (1/2VDD)
I
50
± 5% output duty (at 1/2VDD)
I
30pF output load
I
Molybdenum-gate CMOS process
I
Chip form (CF5018AL
×)
SERIES CONFIGURATION
ORDERING INFORMATION
Version
Operating
supply voltage
range [V]
Recommended operating
frequency range1 [MHz]
1. The recommended operating frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the
oscillator frequency band is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting condi-
tions, so the oscillation characteristics of components must be carefully evaluated.
gm ratio
Built-in capacitance [pF]
Rf
[k
Ω]
CG
CD
CF5018ALA
2.25 to 2.75
30 to 36
0.25
8
15
4.7
CF5018ALB
36 to 40
0.50
3.5
CF5018ALC
40 to 50
0.75
3.5
CF5018ALD
50 to 60
1.00
3.0
CF5018ALE
60 to 80
1.50
10
3.5
Device
Package
CF5018AL
×–2
Chip form


Similar Part No. - CF5018ALB

ManufacturerPart #DatasheetDescription
logo
Cvilux Corporation
CF50181D0R0-10-NH CVILUX-CF50181D0R0-10-NH Datasheet
785Kb / 3P
1.00mm(039") ZIF FFC/FPC ONE-TOUCH CONNECTOR
14.11.14
More results

Similar Description - CF5018ALB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5020 NPC-CF5020 Datasheet
100Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163 TOREX-XC2163_1 Datasheet
295Kb / 7P
ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5017 NPC-CF5017 Datasheet
90Kb / 10P
3rd Overtone Crystal Oscillator Module ICs
CF5015 NPC-CF5015 Datasheet
123Kb / 10P
2.5V Operation Fundamental Frequency Crystal Oscillator Module ICs
CF5019 NPC-CF5019 Datasheet
96Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
ICs for use with 3rd Overtone Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com