Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5019ALE Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5019ALE
Description  High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5019ALE Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5019ALE Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5019ALE Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5019ALE Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5019ALE Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5019ALE Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5019ALE Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5019ALE Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5019ALE Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5019ALE Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CF5019 series
SEIKO NPC CORPORATION —1
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
OVERVIEW
The CF5019 series are high-frequency, 3rd overtone crystal oscillator module ICs. They incorporate an oscilla-
tor circuit and an output buffer that operate at high frequency on a single chip. The oscillator circuit employs
CMOS inverters and a built-in damping resistor RD, reducing the crystal current compared with existing
devices. The damping resistor RD is fabricated using NPC’s unique high-precision thin-film resistor technol-
ogy, which suppresses oscillator characteristic variations due to changes in temperature and voltage to a mini-
mum. The CF5019 series can be utilized to construct stable, high-frequency, 3rd overtone crystal oscillators.
FEATURES
I
RD built-in to reduce crystal current in the oscilla-
tor circuit
I
2.25 to 3.6V operating supply voltage range
I
Recommended operating frequency range
(varies with version)
• 2.5V operation: 60 to 155MHz
• 3.0V operation: 60 to 170MHz
I
– 40 to 85
°C operating temperature range
I
Oscillator capacitors with excellent frequency
response built-in
I
Feedback resistors with good temperature charac-
teristics built-in
I
Standby function
• High impedance in standby mode, oscillator stops
I
Low standby current
• Power-saving pull-up resistor built-in
I
Oscillation detector function
I
CMOS output duty level (1/2VDD)
I
50
± 5% output duty (at 1/2VDD)
I
30pF output load (3.3V operation)
I
Molybdenum-gate CMOS process
I
Chip form (CF5019AL
×)
APPLICATIONS
I
Crystal oscillator modules (3rd overtone oscillation)
SERIES CONFIGURATION
ORDERING INFORMATION
Version
Recommended operating
frequency range*1 [MHz]
Oscillator circuit constants
INHN
input
level
Standby mode
gm ratio
Built-in capacitance Feedback
resistance
Rf [k
Ω]
Damping
resistance
RD [Ω]
Oscillator
stop
function
Output
state
2.5V operation 3.0V operation
CG [pF]
CD [pF]
CF5019ALA
60 to 80
60 to 90
0.6
4
7
2.5
200
CMOS
Yes
High
impedance
CF5019ALB
70 to 115
80 to 125
0.8
3
3
4.5
57
CF5019ALC
105 to 135
115 to 145
1.0
1
3
3.3
57
CF5019ALD
110 to 155
135 to 170
1.0
1
5
2.2
57
CF5019ALE
90 to 125
95 to 135
0.8
2
7
3.3
57
*1.The recommended operating frequency is a yardstick value derived from the crystal used for NPC characteristics authentication.
However, the oscillator frequency band is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics
and mounting conditions, so the oscillation characteristics of components must be carefully evaluated.
Device
Package
CF5019AL
×–2
Chip form


Similar Part No. - CF5019ALE

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF50103GTR MERITEK-CF50103GTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF50103JTR MERITEK-CF50103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF50103KTR MERITEK-CF50103KTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Nippon Precision Circui...
CF5010AH1 NPC-CF5010AH1 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
CF5010AH1-1 NPC-CF5010AH1-1 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
More results

Similar Description - CF5019ALE

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5020 NPC-CF5020 Datasheet
100Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163 TOREX-XC2163_1 Datasheet
295Kb / 7P
ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5017 NPC-CF5017 Datasheet
90Kb / 10P
3rd Overtone Crystal Oscillator Module ICs
CF5005B NPC-CF5005B Datasheet
78Kb / 7P
High-frequency Crystal Oscillator Module ICs
CF5018 NPC-CF5018 Datasheet
85Kb / 8P
2.5V 3rd Overtone Crystal Oscillator Module ICs
CF5035 NPC-CF5035 Datasheet
81Kb / 8P
1.8V, High-frequency Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
ICs for use with 3rd Overtone Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com