Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5006AKDS Datasheet(PDF) 16 Page - Nippon Precision Circuits Inc

Part # SM5006AKDS
Description  Crystal Oscillator Module ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5006AKDS Datasheet(HTML) 16 Page - Nippon Precision Circuits Inc

Back Button SM5006AKDS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 19Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
SM5006 series
SEIKO NPC CORPORATION —16
MEASUREMENT CIRCUITS
Measurement cct 1
3.5VP−P , 10MHz sine wave input signal (5V operation)
2.0VP−P , 10MHz sine wave input signal (3V operation)
C1 : 0.001
µF
R1 : 50
Ω
R2 : 250
Ω (5006×N×/5V operation)
275
Ω (5006×N×/3V operation)
245
Ω (5006AKA, AKB, AKC, CKD, DKC)
250
Ω (5006AKD, BKC)
975
Ω (5006AH×)
Rfo : 2.7kΩ (5006B××, D××)
Measurement cct 4
Measurement cct 2
Measurement cct 5
Measurement cct 3
Rfo : 2.7kΩ (5006B××, D××)
Signal
Generator
VDD
VSS
XT
Q
R1
R2
C1
VOH
0V
Q out monitor
XTN
Rfo
VDD
VSS
IPR
5.0V
INHN
RUP =
VDD
IPR
VIH
A
VDD
VSS
Q
IOL, IZ
VOL
V
A
INHN
XT
IZ
VDD
VSS
IRf
Rf =
XT
VDD
IRf
XTN
A
VDD
VSS
XT
Q
X'tal
XTN
INHN
A
Rfo
IDD
IST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com