Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5006AKDS Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM5006AKDS
Description  Crystal Oscillator Module ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5006AKDS Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM5006AKDS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
SM5006 series
SEIKO NPC CORPORATION —9
5006
×K series
VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to 85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1,
VDD = 4.5V,
IOH = 16mA
SM5006AKAS, CF5006AKA
SM5006AKBS, CF5006AKB
SM5006AKCS, CF5006AKC
SM5006CKDS, CF5006CKD
SM5006DKCS, CF5006DKC
3.9
4.2
–
V
SM5006AKDS, CF5006AKD
SM5006BKCS, CF5006BKC
4.0
4.2
–
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 4.5V, IOL = 16mA
–
0.3
0.4
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW,
VDD = 5.5V
VOH = VDD
––
10
µA
VOL = VSS
––
10
HIGH-level input voltage
VIH
INHN
2.0
–
–
V
LOW-level input voltage
VIL
INHN
–
–
0.8
V
Current consumption
IDD
INHN = open,
Measurement cct 3,
load cct 1,
VDD = 4.5 to 5.5V,
CL = 15pF
f = 30MHz
SM5006AKAS
CF5006AKA
–16
32
mA
f = 40MHz
SM5006AKBS
CF5006AKB
–18
36
f = 60MHz,
Ta = –15 to 75
°C
CF5006AKC
CF5006DKC
–25
50
f = 60MHz,
Ta = 0 to 70
°C
SM5006AKCS
SM5006DKCS
–25
50
f = 70MHz,
Ta = –20 to 80
°C
CF5006AKD
CF5006BKC
–35
70
f = 70MHz,
Ta = –15 to 75
°C
CF5006CKD
–
35
70
f = 70MHz,
Ta = 0 to 70
°C
SM5006AKDS
SM5006BKCS
SM5006CKDS
–35
70
INHN pull-up resistance
RUP
Measurement cct 4
50
–
150
k
Ω
Feedback resistance
Rf
Measurement cct 5
SM5006AKAS, CF5006AKA
6.97
8.2
9.43
k
Ω
SM5006AKBS, CF5006AKB
4.76
5.6
6.44
SM5006AKCS, CF5006AKC
4.16
4.9
5.64
SM5006AKDS, CF5006AKD
SM5006CKDS, CF5006CKD
2.21
2.6
2.99
Built-in resistance
RG
Design value, determined by the Rf value
17
20
23
Ω
RD
Design value, determined by the Rf value
17
20
23
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is tested.
7.44
8
8.56
pF
CD
Design value. A monitor pattern on a wafer is tested.
14.88
16
17.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com