Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5006AKDS Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5006AKDS
Description  Crystal Oscillator Module ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5006AKDS Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5006AKDS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
SM5006 series
SEIKO NPC CORPORATION —3
PAD LAYOUT
(Unit:
µm)
PINOUT
(Top view)
PIN DESCRIPTION and PAD DIMENSIONS
BLOCK DIAGRAM
Chip size: 0.92
× 1.31mm
Chip thickness: 300 ± 30µm
Chip base: VDD level
Q
VDD
XT
VSS
(0,0)
(920,1310)
X
Y
INHN
XTN
1
XT
VSS
Q
VDD
4
2
3
NC
NC
8
7
6
5
XTN
INHN
Number
Name
I/O
Description
Pad dimensions [µm]
XY
1
INHN
I
Output state control input. High impedance when LOW. Pull-up resistor built in
195
212
2
XT
I
Amplifier input.
Crystal oscillator connection pins.
Crystal oscillator connected between XT and XTN
385
212
3
XTN
O
Amplifier output.
575
212
4
VSS
–
Ground
766
212
5
Q
O
Output. Output frequency (fO)
765
1152
6
NC
–
No connection
–
–
7
NC
–
No connection
–
–
8
VDD
–
Supply voltage
162
1152
XT
VSS
VDD
Q
CG
CD
Rf
XTN
INHN
RG
RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com