Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5006AKDS Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5006AKDS
Description  Crystal Oscillator Module ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5006AKDS Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5006AKDS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5006AKDS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SM5006 series
SEIKO NPC CORPORATION —1
Crystal Oscillator Module ICs
OVERVIEW
The SM5006 series are crystal oscillator module ICs, that incorporate high-frequency, low current consump-
tion oscillator and output buffer circuits. Highly accurate thin-film feedback resistors and high-frequency
capacitors are built-in, eliminating the need for external components to make a stable 3rd overtone oscillator.
FEATURES
I
Up to 107MHz operation
I
Capacitors CG, CD built-in
I
Inverter amplifier feedback resistor built-in
I
TTL input level
I
16mA (VDD = 4.5V) drive capability
I
4mA (VDD = 4.5V) drive capability (5006AH×)
I
Output three-state function
I
2.7 to 5.5V supply voltage
I
Oscillator frequency output
I
8-pin SOP (SM5006
×××S)
I
Chip form (CF5006
×××)
SERIES CONFIGURATION
Version*1
*1. Chip form devices have designation CF5006
×××.
gm
ratio
3V operating
5V operating
Built-in
capacitance
Rf
[k
Ω]
Input
level
Output
duty
level
Output
load
(max)
[pF]
Recommended
operating
frequency
range*2 [MHz]
*2. The recommended operating frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscilla-
tor frequency band is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the
oscillation characteristics of components must be carefully evaluated.
Output
load
(max)
[pF]
Recommended
operating
frequency
range*2 [MHz]
Output
waveform*3
tr /tf [ns]
*3. 5006
×N×: CL = 50pF, CMOS load, 5006×K×: CL = 15pF, 10TTL load, 5006AH×: CL = 15pF, CMOS load
CG
[pF]
CD
[pF]
SM5006ANAS
0.5
−−
50
22 to 30
8/8
8
16
8.2
TTL
CMOS
SM5006ANBS
1
−−
50
30 to 40
8/8
8
16
5.6
TTL
CMOS
SM5006ANCS
2
15
22 to 30
50
40 to 60
7/7
8
16
4.9
TTL
CMOS
SM5006ANDS
2
15
30 to 50
50
50 to 70
7/7
8
16
2.6
TTL
CMOS
SM5006ANES
3
15
50 to 70
30
70 to 100
6/6
8
16
2.6
TTL
CMOS
(15)*4
*4. SOP package only
SM5006ANFS
4
−−
30
80 to 107
6/6
8
16
2.6
TTL
CMOS
(15)*4
SM5006CNCS
2
15
22 to 30
15
40 to 60
8/8
8
16
4.9
TTL
CMOS
50
40 to 50
SM5006CNDS
2
15
30 to 40
15
50 to 70
8/8
8
16
2.6
TTL
CMOS
SM5006CNES
3
15
50 to 70
15
70 to 100
7/7
8
16
2.6
TTL
CMOS
SM5006BNCS
2
15
22 to 70
15
22 to 100
7/7
8
16
No
TTL
CMOS
50
22 to 70
SM5006BNES
3
15
22 to 70
30
70 to 107
6/6
8
16
No
TTL
CMOS
(15)*4
SM5006DNCS
2
15
22 to 40
15
22 to 70
8/8
8
16
No
TTL
CMOS
50
22 to 50
SM5006DNES
3
15
22 to 70
15
22 to 100
7/7
8
16
No
TTL
CMOS
50
22 to 70
SM5006AKAS
0.5
−−
15
22 to 30
4/4
8
16
8.2
TTL
TTL
SM5006AKBS
1
−−
15
30 to 40
4/4
8
16
5.6
TTL
TTL
SM5006AKCS
2
−−
15
40 to 60
4/4
8
16
4.9
TTL
TTL
SM5006AKDS
2
−−
15
50 to 70
4/4
8
16
2.6
TTL
TTL
SM5006CKDS
2
−−
15
50 to 70
4/4
8
16
2.6
TTL
TTL
SM5006BKCS
2
−−
15
22 to 70
4/4
8
16
No
TTL
TTL
SM5006DKCS
2
−−
15
22 to 70
4/4
8
16
No
TTL
TTL
SM5006AHAS
0.5
−−
15
22 to 30
7/7
8
16
8.2
TTL
CMOS
SM5006AHBS
1
−−
15
30 to 40
7/7
8
16
5.6
TTL
CMOS
SM5006AHCS
2
−−
15
40 to 60
7/7
8
16
4.9
TTL
CMOS
SM5006AHDS
2
−−
15
50 to 70
7/7
8
16
2.6
TTL
CMOS


Similar Part No. - SM5006AKDS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006AKDS NPC-SM5006AKDS Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
More results

Similar Description - SM5006AKDS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com