Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDB Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # TDB
Description  Interval Relay Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

TDB Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  TDB Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
75
Automatic Timing & Controls
800.727.5646
atcdiversified.com
MODEL NUMBER
T
*B
A
SERIES
Relay Output
D
Relay Output with CSA
U*
SUPPLY VOLTAGE
24 VAC or DC
24
110/120 VAC or DC
120
TYPE OF OPERATION
Knob Adjustable
K
Lock Nut Adjustable
L
Fixed
F
External Resistor Adjustable
R**
ENCLOSURE STYLE
8 or 11-pin Round Plug-in
A
Blade Plug-in
B
Non UL 12-pin Plug-in
C
DELAY PERIOD
See page 82 for standard ranges available
Interval Relay Output
*
When voltage is applied to the input terminals, the relay energizes and
the time delay begins. Upon completion of the delay period, the relay
de-energizes. Reset during or after the delay period is accomplished by
removal of the input voltage.
OPERATION
WIRING
SPECIFICATIONS
DIMENSIONS (INCHES)
SUPPLY
VOLTAGE
CONTROL
SWITCH
OUTPUT
TIME DELAY
4
8
1
2
3
4
6
7
9
8
5
A
B
9
3
2
1
11
5
7
6
5
4
3
2
1
8
7
6
10
+
–
+
–
+
–
SUPPLY
SUPPLY
External Resistor Adjustable
DPDT 11 Pin Plug-in
DPDT Octal Plug-in
DPDT Blade Plug-in
RB-08/PF083A
RB-11/PF113A
70-463-1
TIMING RANGES
Virtually unlimited. See page 77 for standard
ranges available.
OUTPUT
DPDT, 10 A @ 250 VAC or 24 VDC, resistive;
RATING
211 VA @120 VAC, inductive
TIMING
Minimum Setting
+0–20%
TOLERANCES Maximum Setting ±10%;
REPEATABILITY 1% maximum; no first cycle effect
RESET TIMES Before Time Out
100 mSEC
After Time Out
50 mSEC
RECYCLE TIME 40 mSEC
SUPPLY
24 or 120 VAC or VDC, 50/60 Hz; ±10%
VOLTAGE
(TUB Series available in 120 Volts only)
FALSE TRANSFER No
REVERSE
Yes
POLARITY
PROTECTED
POWER
3 watts (approximately)
CONSUMPTION
DUTY CYCLE
Continuous
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
LIFE EXPECTANCY Mechanical 10 million operations (minimum)
Electrical
100,000 operations
@ rated load
WEIGHT
5 oz.
MODEL NUMBER
E55826
Example: TUB-120-AKA-900—Interval on operate, 120 Volts AC or DC,
knob adjustable from 9 to 900 seconds, 8-pin octal plug-in, UL recognized
and CSA approved.
Notes:* The TUB series is offered in 120 Volts, style A enclosure only with
optional types of operation “K”, “L”, or “F” CSA certified, File # LR40123**
TDB models using the “R” option are not UL Recognized. The “R”option is not
offered in the TUB series or the style B enclosure. TDB models using “F”, “K”,
or “L” options and in the 8-pin octal plug is only available in 24-volts.
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - TDB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TDB LITTELFUSE-TDB Datasheet
386Kb / 2P
DELAY-ON-BREAK
2021 Rev: 1-B-030121
logo
Siemens Semiconductor G...
TDB 0723 A-723 SIEMENS-TDB 0723 A-723 Datasheet
297Kb / 16P
Precision Voltage Regulator
TDB 0723-723 SIEMENS-TDB 0723-723 Datasheet
297Kb / 16P
Precision Voltage Regulator
logo
Adam Technologies, Inc.
TDB-08 ADAM-TECH-TDB-08 Datasheet
148Kb / 1P
BARRIER TERMINAL STRIPS
logo
MKS Instruments.
TDB-15 MKS-TDB-15 Datasheet
254Kb / 2P
CALIBRATION, VOLTAGE MONITORING & TROUBLESHOOTING
More results

Similar Description - TDB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B108024006 ETC2-B108024006 Datasheet
68Kb / 3P
Timers Interval
EBACT2310H ETC2-EBACT2310H Datasheet
29Kb / 2P
Timers Interval
EBDCD23 ETC2-EBDCD23 Datasheet
61Kb / 2P
Timers Interval
EBSSM2310M ETC2-EBSSM2310M Datasheet
63Kb / 2P
Timers Interval
logo
Schneider Electric
RE17LHBM SCHNEIDER-RE17LHBM Datasheet
138Kb / 8P
Harmony, Modular timing relay, 0.7 A, 1 s..100 h, interval relay, solid state output, 24...240 V AC
Aug 25, 2021
logo
Littelfuse
ERDI LITTELFUSE-ERDI Datasheet
494Kb / 2P
Dedicated - Interval
2016 Rev: 1-A-061016
HRDI LITTELFUSE-HRDI Datasheet
661Kb / 2P
Interval Timer
2016 Rev: 1-A-062116
KRDI LITTELFUSE-KRDI Datasheet
643Kb / 2P
Dedicated - Interval
2018 Rev: 1-A-101018
KSD2 LITTELFUSE-KSD2 Datasheet
530Kb / 2P
Interval Timer
2016 Rev: 1-A-062116
KSPU LITTELFUSE-KSPU Datasheet
435Kb / 2P
Dedicated - Interval
2016 Rev: 1-A-062116
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com