Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5010FHCS Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5010FHCS
Description  Crystal Oscillator Module ICs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5010FHCS Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5010FHCS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
SM5010 series
SEIKO NPC CORPORATION —5
FUNCTIONAL DESCRIPTION
Standby Function
5010AH
×, AK×, AN×, BH×, BK×, BN×, DN×, FN×, FH×, HN×, HK× series
When INHN goes LOW, the output on Q becomes high impedance, but internally the oscillator does not stop.
5010CL
× series
When INHN goes LOW, the oscillator stops and the oscillator output on Q becomes high impedance.
5010EA
× series
When INHN goes LOW, the oscillator stops and the oscillator output on Q becomes LOW.
Power-saving Pull-up Resistor (CL series only)
The INHN pull-up resistance changes in response to the input level (HIGH or LOW). When INHN goes LOW
(standby state), the pull-up resistance becomes large to reduce the current consumption during standby.
Version
INHN
Q
Oscillator
AH
×, AK×, AN×, BH×,
BK
×, BN×, DN×, FH×,
FH
×, HN×, HK× series
HIGH (or open)
Any fO, fO/2, fO/4, fO/8 or fO/16 output frequency
Normal operation
LOW
High impedance
Normal operation
CL
× series
HIGH (or open)
Any fO, fO/2, fO/4, fO/8 or fO/16 output frequency
Normal operation
LOW
High impedance
Stopped
EA
× series
HIGH (or open)
Either fO or fO/2 output frequency
Normal operation
LOW
LOW
Stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com