Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5010FHCS Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM5010FHCS
Description  Crystal Oscillator Module ICs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5010FHCS Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM5010FHCS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
SM5010 series
SEIKO NPC CORPORATION —7
5V operation
VSS = 0V
Parameter
Symbol
Version
Condition
Rating
Unit
Operating supply voltage
VDD
All version
4.5 to 5.5
V
Input voltage
VIN
All version
VSS to VDD
V
Operating temperature
TOPR
5010AN
×
−40 to +85
°C
5010AK
×
5010AH
×
5010BN
×
5010BK
×
5010BH
×
5010CL
×
5010DN1
5010EA
×
CL ≤ 15pF, f = 2 to 30MHz
CL ≤ 15pF, f = 2 to 40MHz
−10 to +70
5010FN
×
CL ≤ 50pF, 30MHz ≤ f ≤ 50MHz
−20 to +80
CL ≤ 15pF, 50MHz ≤ f ≤ 70MHz
−15 to +75
5010FH
×
CL ≤ 15pF, 30MHz ≤ f ≤ 50MHz
−20 to +80
CL ≤ 15pF, 50MHz ≤ f ≤ 60MHz
−15 to +75
5010HN1
−40 to +85
5010HK1
Operating frequency
f
5010AN
×
CL ≤ 50pF
2 to 30
MHz
5010AK
×
CL ≤ 15pF
5010AH
×
5010BN
×
CL ≤ 50pF
5010BK
×
CL ≤ 15pF
5010BH
×
5010CL
×
CL ≤ 50pF
5010DN1
5010EA
×
CL ≤ 15pF, Ta = − 40 to + 85°C
2 to 40
5010FN
×
CL ≤ 50pF, Ta = − 20 to + 80°C
30 to 50
CL ≤ 15pF, Ta = − 15 to + 75°C
50 to 70
5010FH
×
CL ≤ 15pF, Ta = − 20 to + 80°C
30 to 50
CL ≤ 15pF, Ta = − 15 to + 75°C
50 to 60
5010HN1
CL ≤ 50pF
22 to 50
5010HK1
CL ≤ 15pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com